Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-010704 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010704
Description  Adjustable Current with an External Resistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010704 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010704_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010704_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Low Noise Amplifier
0.1-3.5 GHz
Rev. V2
MAAL-010704
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
P1dB +25°C
P1dB +85°C
P1dB -40°C
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
OIP3 +25°C
OIP3 +85°C
OIP3 -40°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0.5
1
1.5
2
2.5
3
3.5
NF +25°C
NF +85°C
NF -40°C
Frequency vs. Temp
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
S21 +25°C
S21 +85°C
S21 -40°C
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
S11 +25°C
S11 +85°C
S11 -40°C
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
S22 +25°C
S22 +85°C
S22 -40°C
Typical Performance Curves12: 3V, 60 mA (over temperature)
Input Return Loss
Noise Figure
Gain
Output Return Loss
P1dB
OIP3


Similar Part No. - MAAL-010704_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704-000000 MA-COM-MAAL-010704-000000 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704-001SMB MA-COM-MAAL-010704-001SMB Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
MAAL-010704-TR3000 MA-COM-MAAL-010704-TR3000 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
More results

Similar Description - MAAL-010704_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
Texas Instruments
TL852 TI1-TL852 Datasheet
85Kb / 7P
[Old version datasheet]   Overall Gain Adjustable With One External Resistor
logo
Silicon Touch Technolog...
LS521 SITI-LS521 Datasheet
711Kb / 12P
   Tunable illumination sensitivity by an external resistor
logo
Vishay Siliconix
SIC401 VISHAY-SIC401 Datasheet
632Kb / 10P
   Selectable frequency from 200 kHz to 1 MHz with an external resistor
Revision: 17-Nov-14
logo
STMicroelectronics
AN4006 STMICROELECTRONICS-AN4006 Datasheet
3Mb / 19P
   using the PM8803 and an external current booster
LNBH25 STMICROELECTRONICS-LNBH25 Datasheet
1Mb / 34P
   Selectable output current limit by external resistor
February 2012 Rev 4
LNBH30 STMICROELECTRONICS-LNBH30 Datasheet
830Kb / 27P
   Selectable output current limit by external resistor
March 2015 Rev 2
LNBH23L STMICROELECTRONICS-LNBH23L Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
   Selectable output current limit by external resistor
March 2012 Rev 1
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com