![]() |
Electronic Components Datasheet Search |
|
TB6556FG Datasheet(PDF) 13 Page - Toshiba Semiconductor |
|
TB6556FG Datasheet(HTML) 13 Page - Toshiba Semiconductor |
13 / 22 page ![]() TB6556FG 2012-10-22 13 3. Internal protection Positional signal abnormality protection Output is turned off when the positional signal is HHH or LLL; otherwise, it is restarted. Low power supply voltage protection (VCC monitor) For power supply on/off outside the operating voltage range, the turn-on signal output is kept at high impedance outside the operating voltage range to prevent damage caused by power device short circuits. However, if the voltage level is supplied from the Ve pin, this function is restricted, e.g., when Ve 4.9 V is applied, low power supply voltage protection does not operate. Output at high impedance Turn-on signal Power supply voltage 4.5 V (typ.) 4.0 V (typ.) GND V M VCC Output at high impedance Output |
|