Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB6556FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TB6556FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6556FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB6556FG_12 Datasheet HTML 1Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 2Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 3Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 4Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 5Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 6Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 7Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 8Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TB6556FG
2012-10-22
1
TOSHIBA Bi-CMOS Integrated Circuit
Silicon Monolithic
TB6556FG
3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
The TB6556FG is designed for motor fan applications for three-phase brushless DC (BLDC) motors.
Features
 Sine-wave PWM control
 Built-in triangular-wave generator
(Carrier cycle = fOSC/252 (Hz))
 Built-in lead angle control function (0° to 58° in 32 steps)
External setting/automatic internal setting
 Built-in dead time function (setting 1.9 μs or 3.8 μs)
 Overcurrent protection signal input pin
 Built-in regulator (Vrefout = 5 V (typ.), 30 mA (max))
 Operating supply voltage range: VCC = 6 V to 10 V
Weight: 0.63 g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn