Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB6556FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part No. TB6556FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6556FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TB6556FG_12 Datasheet HTML 4Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 5Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 6Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 7Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 8Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 9Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 10Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 11Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TB6556FG
2012-10-22
8
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
12
V
Vin (1)
−0.3 to VCC (Note 1)
Input voltage
Vin (2)
−0.3 to Vrefout + 0.3 (Note 2)
V
Turn-on signal output current
IOUT
2
mA
Power dissipation
PD
1.50
(Note 3)
W
Operating temperature
Topr
−30 to 115 (Note 4)
°C
Storage temperature
Tstg
−50 to 150
°C
Note 1: Vin (1) pin: Ve, LA, Gin, Gout, PH, LPF, LL, UL
Note 2: Vin (2) pin: HU, HV, HW, CW/CCW, RES, OS, Idc, Td, SS
Note 3: When mounted on PCB (universal 50 mm
 50 mm  1.6 mm, Cu 30%)
Note 4: Operating temperature range is determined by the PD − Ta characteristic.
Operating Conditions (Ta = 25°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
6
7
10
V
Ceramic oscillation frequency
Xin
2
4
8
MHz
Ambient temperature
Ta (°C)
PD – Ta
0
0
2.0
(1) When mounted on PCB
Universal
50 mm
 50 mm  1.6 mm
(2) IC only
Rth (j-a) = 110°C/W
1.5
1.0
0.5
50
100
150
200
(2)
(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn