Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB6556FG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part No. TB6556FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6556FG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB6556FG_12 Datasheet HTML 3Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 4Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 5Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 6Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 7Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 8Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 9Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 10Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TB6556FG
2012-10-22
7
Pin Description
Symbol
Input/Output Signal
Input/Output Internal Circuit
Reference voltage signal
output pin
Vrefout
5 ± 0.5 V (max 30 mA)
Reverse-rotation-detection
signal output pin
REV
Digital
Push-pull output: ± 1 mA (max)
FG signal output pin
FG
Digital
Push-pull output: ± 1 mA (max)
Turn-on signal output pin U
Turn-on signal output pin V
Turn-on signal output pin W
Turn-on signal output pin X
Turn-on signal output pin Y
Turn-on signal output pin Z
U
V
W
X
Y
Z
Analog
Push-pull output: ± 2 mA (max)
L: 0.78 V (max)
H: Vrefout − 0.78 V (min)
Vrefout
Vrefout
100
Vrefout
Vrefout
100
VCC
VCC
VCC
Vrefout
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn