Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB6556FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TB6556FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6556FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TB6556FG_12 Datasheet HTML 2Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 3Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 4Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 5Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 6Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 7Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 8Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 9Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TB6556FG
2012-10-22
6
Pin Description
Symbol
Input/Output Signal
Input/Output Internal Circuit
Upper limit for LA
UL
Clip upper limit for LA
UL = 0 V to 5.0 V
When LL
 UL, LA is fixed at LL value.
Setting dead time input pin
L: 3.8
μs
H or OPEN: 1.9
μs
Td
Digital
L: 0.8 V (max)
H: Vrefout − 1 V (min)
Output logic select signal
input pin
L: Active LOW
H: Active HIGH
OS
Digital
L: 0.8 V (max)
H: Vrefout − 1 V (min)
Overcurrent protection
signal input pin
Idc
Analog
Digital filter: 1
μs (typ.)
Gate protected at 0.5 V or higher
(released at carrier cycle)
Clock signal input pin
Xin
Clock signal output pin
Xout
Operating range
2 MHz to 8 MHz (ceramic oscillation)
360 k
Vrefout
Vrefout
Xout
Xin
Vrefout
Vrefout
2 k
Vrefout
Vrefout
2 k
VCC
200 k
Comparator
Gout
Gin
100
100
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn