Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB6556FG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TB6556FG
Description  3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6556FG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB6556FG_12 Datasheet HTML 1Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 2Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 3Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 4Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 5Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 6Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 7Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 8Page - Toshiba Semiconductor TB6556FG_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TB6556FG
2012-10-22
4
Input/Output Equivalent Circuits
Pin Description
Symbol
Input/Output Signal
Input/Output Internal Circuit
Positional signal input pin U
Positional signal input pin V
Positional signal input pin W
HU
HV
HW
Digital
With Schmitt trigger
Hysteresis 300 mV (typ.)
Digital filter: 500 ns (typ.)
L: 0.8 V (max)
H: Vrefout − 1 V (min)
Forward/reverse switching
input pin
L: Forward (CW)
H: Reverse (CCW)
CW/CCW
Digital
L: 0.8 V (max)
H: Vrefout − 1 V (min)
Reset input
L: Stops operation (reset)
H: Operates
RES
Digital
L: 0.8 V (max)
H: Vrefout − 1 V (min)
120°/180° select signal
L: 120° turn-on mode
H: 180° turn-on mode
(OPEN)
SS
Digital
With Schmitt trigger
Hysteresis: 300 mV (typ.)
L: 0.8 V (max)
H: Vrefout − 1 V (min)
Voltage command signal
1.0 V < Ve ≤ 2.1 V
Refresh operation
(X, Y, Z pins: ON duty of
8%)
Ve
Analog
Input voltage range 0 to 5.4 V
Input voltage of 5.4 V or higher is
clipped to 5.4 V.
VCC
100
Vrefout
Vrefout
2.0 k
Vrefout
Vrefout
2.0 k
Vrefout
Vrefout
2.0 k
Vrefout
Vrefout
2.0 k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn