Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-009120-001SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009120-001SMB
Description  Miniature Broadband Gain Stage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009120-001SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-009120-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAAL-009120-001SMB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-009120
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
5 Volt Application Section for operation above 10 dBm output power
6. The addition of a 24.9 Ω series resistor on the drain line allows
for 5 volt operation above 10 dBm output power, but no greater
than 22 dBm of output power.
Component List @ 5V
Part
Value
Case Style
Purpose
C1
39 pF
0402
Input DC Block
C2
39 pF
0402
Output DC Block
C3
470 pF
0402
RF Bypass
L1
12 nH
0805
RF Choke/Tuning
R1
24.9 Ω
0402
Voltage Drop
Application Layout Schematic @ 5V 6
RF IN
RF OUT
C3
L1
C2
C1
VDD
R1
Application Schematic @ 5V


Similar Part No. - MAAL-009120-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120-001SMB MA-COM-MAAL-009120-001SMB Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009120-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com