Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-009120-TR1000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-009120-TR1000
Description  Miniature Broadband Gain Stage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-009120-TR1000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-009120-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-009120-TR1000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Miniature Broadband Gain Stage
70 - 3000 MHz
Rev. V1
MAAL-009120
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Component List @ 3V, 5V
Part
Value
Case Style
Purpose
C1
39 pF
0402
Input DC Block
C2
39 pF
0402
Output DC Block
C3
470 pF
0402
RF Bypass
L1
12 nH
0805
RF Choke/Tuning
Baseline Application Schematic @ 3V, 5V
RF IN
RF OUT
C3
L1
C2
C1
VDD
Electrical Specifications: Freq. = 500 - 3000 MHz, TA = 25°C, Z0 = 50 Ω
Recommended PCB Configuration @ 3V, 5V
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity.
Proper ESD control
techniques should be used when handling these
devices.
Test Conditions
Units
Bias Voltage
Parameter
3 Volts
5 Volts5
Min.
Typ.
Max.
Typ.
Gain
F = 0.9 GHz
F = 1.9 GHz
F = 3.0 GHz
dB
10.4
14
11
8
13.0
14.5
11.2
8.5
Noise Figure
F = 0.9 GHz
F = 1.9 GHz
F = 3.0 GHz
dB
1.4
1.4
1.5
1.8
1.5
1.5
1.6
Input Return Loss
F = 0.9 GHz
F = 1.9 GHz
F = 3.0 GHz
dB
7
11
11
7
11.0
10.5
Output Return Loss
F = 0.9 GHz
F = 1.9 GHz
F = 3.0 GHz
dB
22
20
15.5
26
18.5
17
Output P1dB
500 – 3000 MHz
dBm
18.5
Output IP3
500 – 3000 MHz
dBm
35
35
Current
mA
60
80
100
95


Similar Part No. - MAAL-009120-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120-TR1000 MA-COM-MAAL-009120-TR1000 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
More results

Similar Description - MAAL-009120-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012_1 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage, 70 - 3000 MHz
logo
M/A-COM Technology Solu...
MAALSS0038 MA-COM-MAALSS0038 Datasheet
214Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
MAALSS0034 MA-COM-MAALSS0034 Datasheet
152Kb / 5P
   Miniature Broadband Gain Stage 70 - 3000 MHz
logo
Tyco Electronics
AM50-0015 MACOM-AM50-0015 Datasheet
115Kb / 7P
   Miniature Broadband Gain Stage 200 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com