Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAL-008091-000000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008091-000000
Description  High Dynamic Range Low Noise Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008091-000000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008091-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-008091-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High Dynamic Range Low Noise Amplifier
800 - 1000 MHz
Rev. V2
MAAL-008091
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Noise Figure: 1.2 dB
 High Input IP3: +18 dBm at 8 V, 60 mA bias
+6.5 dBm at 3 V, 20 mA bias
 High Gain: 15 dB
 Single Supply: +3 to +8 VDC
 Adjustable current: 20 to 80 mA with external
resistor
 Lead-Free SOIC-8 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AM50-0003
Description
M/A-COM’s MAAL-008091 is a high dynamic
range, GaAs MMIC, low noise amplifier in a
lead-free SOIC-8, surface mount plastic package.
It employs external input matching to obtain
optimum noise figure performance and operating
frequency flexibility.
The MAAL-008091 also features flexible biasing to
control the current consumption vs. dynamic range
trade-off. The MAAL-008091 can operate from any
supply voltage in the 3 V to 8 V range. Its current
can be controlled over a range of 20 mA to 80 mA
with an external resistor.
The MAAL-008091 is ideally suited for use where
low noise figure, high gain, high dynamic range,
and low power consumption are required. Typical
applications include receiver front ends in AMPS,
GSM, and ETACS base stations. It is also useful
as a gain block, buffer, driver, and IF amplifier in
both fixed and portable cellular and 900 MHz ISM
systems.
The MAAL-008091 is fabricated using a low-cost
0.5-micron gate length GaAs process.
The
process features full passivation for increased
performance reliability.
Pin Configuration
Pin No. Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control (optional)
3
RFIN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RFOUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Ordering Information 1
Part Number
Package
MAAL-008091-000000
Bulk Packaging
MAAL-008091-TR3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
Functional Block Diagram
1
2
3
GND
REXT
RFIN
4
GND
8
7
6
5
GND
RFOUT
VDD
GND
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAL-008091-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008091-000000 MACOM-MAAL-008091-000000 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - MAAL-008091-000000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com