Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-009260-0001TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-009260-0001TB
Description  Minimal Phase Variation over Attenuation Range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-009260-0001TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-009260-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-009260-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Constant Phase Digital Attenuator
32 dB, 2-Bit, TTL Driver, DC - 3.0 GHz
Rev. V2
MAAD-009260
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50 , VCC = +5 V, VEE = -5 V
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Operating Power 2
dBm
+20
Reference Insertion Loss
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
1.9
2.1
2.7
Attenuation Accuracy
16 dB Bit (C1 Control)
16 dB Bit (C1 Control)
16 dB Bit (C1 Control)
32 dB Attenuation
32 dB Attenuation
32 dB Attenuation
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
dB
dB
dB
15.5
15.4
15.4
30.8
30.8
30.8
16.7
16.8
16.8
33.5
34.2
35.0
Phase Accuracy
Relative to Reference Loss State
16 dB Bit (C1 Control)
16 dB Bit (C1 Control)
32 dB Attenuation
DC - 2.0 GHz
2.0 - 3.0 GHz
DC - 3.0 GHz
deg
deg
deg
-3
-4
-7
+3
+4
+7
VSWR
Reference Loss,
16 dB Bit (C1 Control),
or 32 dB Attenuation
DC - 2.0 GHz
2.0 - 3.0 GHz
Ratio
Ratio
1.6:1
2.2:1
Switching Speed
Ton
Toff
Trise
Tfall
1.3 V Cntl to 90% RF
1.3 V Cntl to 10% RF
10% RF to 90% RF
90% RF to 10% RF
__
__
ns
ns
ns
ns
42
30
19
16
1 dB Compression 3
Reference State
Reference State
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
>+26
>+26
Input IP3
For two-tone Input Power
up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+42
+42
Input IP2
For two-tone Input Power
up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+55
+77
Vcc
Vee
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.0
5.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1
1
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max
Vcntrl = VCC - 2.1 V
mA
1.5
Iee
VEE min to max
Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θjc
°C/W
50
2. Maximum input power is specified with power applied to RF1. Note that C1 is the control for the 16 dB bit.
3. 1 dB Compression was measured up to +26 dBm, which is the absolute maximum rating for this device.


Similar Part No. - MAAD-009260-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009260-0001TB MA-COM-MAAD-009260-0001TB Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - MAAD-009260-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009195 MA-COM-MAAD-009195 Datasheet
828Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009170 MA-COM-MAAD-009170 Datasheet
899Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAAD-009194 MA-COM-MAAD-009194 Datasheet
768Kb / 9P
   Minimal Phase Variation over Attenuation Range
MAPS-010143 MA-COM-MAPS-010143_16 Datasheet
1Mb / 7P
   Minimal Attenuation Variation over Phase Shift Range
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
   32 dB Attenuation Range
logo
Soshin electric Co., Lt...
SF3000C-JQ SOSHIN-SF3000C-JQ Datasheet
221Kb / 3P
   3-phase 3-line 500VAC Wide range high attenuation Type
SF2000C-JQ SOSHIN-SF2000C-JQ Datasheet
161Kb / 3P
   Single-phase 2-line 500VAC Wide range high attenuation Type
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
API Technologies Corp
TAD2104 APITECH-TAD2104 Datasheet
563Kb / 1P
   5 Bit Digital Attenuator Attenuation Range: 62 dB
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com