Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJD-2D16W4PE Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SMJD-2D16W4PE
Description  Integrated AC LED Solution
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJD-2D16W4PE Datasheet(HTML) 3 Page - Seoul Semiconductor

  SMJD-2D16W4PE Datasheet HTML 1Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 2Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 3Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 4Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 5Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 6Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 7Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 8Page - Seoul Semiconductor SMJD-2D16W4PE Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SMJD-XD16W4PX - Acrich3 16.6W
3
Rev1.2, Apr 1, 2016
Performance Characteristics
Unit는 표우측으로 지정
Table 3. Electro Optical Characteristics, T
a = 25ºC
Parameter
Symbol
Value
Unit
Mark
Min.
Typ.
Max.
Luminous Flux
(@CRI.80)
Ф
V
[2]
1350
1450
-
lm
16a
1450
1600
-
16b
1600
1750
-
16c
Luminous Flux
(@CRI.90)
1250
1350
-
16a
Correlated Color
Temperature [3]
CCT
5300
5600
6000
K
B
4700
5000
5300
C
3700
4000
4200
E
2900
3000
3200
G
2600
2700
2900
H
CRI
Ra
80
-
-
-
PD
90
-
-
-
PE
Input Voltage [4]
V
in
120
Vac
2D
220
3D
Power Consumption
P
14.9
16.6
18.3
W
16W
Operating Frequency
F
50 / 60
Hz
Power Factor
PF
Over 0.97
-
Viewing Angle
1/2
120
deg.
Tolerance of Surge [5]
V
s
500
-
-
V
Transient Protection [6]
V
s
2500
-
-
V
Notes :
(1) At 120/220Vac, T
a = 25ºC
(2) Ф
V is the total luminous flux output measured with an integrated sphere.
(3) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(4) Operating Voltage doesn't indicate the maximum voltage which customers use but means
tolerable voltage according to each country’s voltage variation rate. It is recommended that the
solder pad temperature should be below 70℃.
(5) Surge withstand in accordance with IEC61000-4-5
(6) At 120Vac, seven strikes, 100kHz 2.5kV in accordance with ANSI/IEEE C62.41.2-2002 Category
A operation


Similar Part No. - SMJD-2D16W4PE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-2D16W4PE SEOUL-SMJD-2D16W4PE Datasheet
1Mb / 25P
   Connects directly to AC line voltage
More results

Similar Description - SMJD-2D16W4PE

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
   Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
   Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJE-XV08W2P4 SEOUL-SMJE-XV08W2P4 Datasheet
907Kb / 24P
   Integrated AC LED Solution
SMJD-XG16W4PX SEOUL-SMJD-XG16W4PX Datasheet
1Mb / 28P
   Integrated AC LED Solution
SMJE-XD08W4PX SEOUL-SMJE-XD08W4PX Datasheet
1Mb / 25P
   Integrated AC LED Solution
SMJL-2C24W4P3 SEOUL-SMJL-2C24W4P3 Datasheet
886Kb / 26P
   Integrated AC LED Solution
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
   Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
   Integrated AC LED Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com