Electronic Components Datasheet Search |
|
SP708CP Datasheet(PDF) 3 Page - Sipex Corporation |
|
SP708CP Datasheet(HTML) 3 Page - Sipex Corporation |
3 / 18 page 3 SP705DS/09 SP705 Low Power Microprocessor Supervisory Circuits © Copyright 2000 Sipex Corporation R E T E M A R A P. N I M. P Y T. X A MS T I N US N O I T I D N O C e g a t l o V t u p t u O O D WV C C 5 . 1 - 0 4 . 0 V I E C R U O S 0 0 8 = µA I K N I S A m 2 . 3 = R Mt n e r r u C p U - ll u P0 0 10 5 20 0 6 µAR MV 0 = R Mt , h t d i W e s l u P R M 0 5 1s n R Md l o h s e r h T t u p n I W O L H G I H0 . 2 8 . 0V R Mt , y a l e D t u O t e s e R o t D M 0 5 2s n2 e t o N d l o h s e r h T t u p n I I F P0 2 . 15 2 . 10 3 . 1V V C C V 5 = t n e r r u C t u p n I I F P0 0 . 5 2 -1 0 . 00 0 . 5 2A n O F Pe g a t l o V t u p t u OV C C 5 . 1 - 4 . 0 VI E C R U O S 0 0 8 = µA I K N I S A m 2 . 3 = Note 1: The input voltage limits on PFI and MR can be exceeded if the input current is less than 10mA. Note 2: Applies to both RESET in the SP705-SP708 and RESET in the SP707/708/813L/813M. SPECIFICATIONS V CC = 4.75V to 5.50V for SP705/707/813L,813M, VCC = 4.50V to 5.50V for SP706/708, TA = TMIN to TMAX, unless otherwise noted, typical at 25 oC. SP705 SP706 SP813L SP813M 1 8 7 6 5 4 3 2 1 MR VCC GND PFI WDO RESET / RESET* WDI PFO SP707 SP708 1 8 7 6 5 4 3 2 1 MR VCC GND PFI RESET RESET N.C. PFO SP705 SP706 SP813L SP813M 1 8 7 6 5 4 3 2 1 WDO MR VCC WDI PFO PFI GND SP707 SP708 1 8 7 6 5 4 3 2 1 RESET RESET MR VCC N.C. PFO PFI GND RESET / RESET* DIP and SOIC µSOIC Figure 1. Pinouts * SP813L/M only * SP813L/M only |
Similar Part No. - SP708CP |
|
Similar Description - SP708CP |