Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDW87F1C Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SDW87F1C
Description  Enable High Flux and Cost Efficient System
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW87F1C Datasheet(HTML) 5 Page - Seoul Semiconductor

  SDW87F1C Datasheet HTML 1Page - Seoul Semiconductor SDW87F1C Datasheet HTML 2Page - Seoul Semiconductor SDW87F1C Datasheet HTML 3Page - Seoul Semiconductor SDW87F1C Datasheet HTML 4Page - Seoul Semiconductor SDW87F1C Datasheet HTML 5Page - Seoul Semiconductor SDW87F1C Datasheet HTML 6Page - Seoul Semiconductor SDW87F1C Datasheet HTML 7Page - Seoul Semiconductor SDW87F1C Datasheet HTML 8Page - Seoul Semiconductor SDW87F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx7F1C
– Chip on Board
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
5
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev3.0, Dec 2, 2015
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
IF
-
1.5
3.0
A
Power Dissipation
Pd
-
80
170
W
Junction Temperature
[1]
Tj
-
-
125
ºC
Operating Temperature
Topr
-40
-
85
ºC
Surface Temperature
TS
-
-
100
ºC
Storage Temperature
Tstg
-40
-
100
ºC
Thermal resistance (J to S)
RthJS
-
0.2
-
K/W
ESD Sensitivity(HBM)
[2]
-
-
-
±8
kV
Table 3. Absolute Maximum Characteristics, T
j=25ºC
Notes :
1.
I
F  3A
2.
A zener diode is included to protect the product from ESD.
3.
Thermal resistance : Rth
JS (Junction / solder)
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
All measurements were made under the standardized environment of Seoul Semiconductor.


Similar Part No. - SDW87F1C

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SDW80S600 SEMIWELL-SDW80S600 Datasheet
632Kb / 5P
   Fast Soft Recovery Rectifier Diode
logo
Seoul Semiconductor
SDW81F1B SEOUL-SDW81F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDW81F1C SEOUL-SDW81F1C Datasheet
851Kb / 27P
   MacAdam 3-step binning
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SDW82F1C SEOUL-SDW82F1C Datasheet
475Kb / 20P
   Superior high Flux for High Current System
More results

Similar Description - SDW87F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com