Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS1400A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1400A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1400A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1400A Datasheet HTML 1Page - Vectron International, Inc TFS1400A Datasheet HTML 2Page - Vectron International, Inc TFS1400A Datasheet HTML 3Page - Vectron International, Inc TFS1400A Datasheet HTML 4Page - Vectron International, Inc TFS1400A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1400a.doc
Version 1.1
04.12.2009
Vectron International
Filter specification
TFS 1400A
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
Filter characteristic
9
608.8
1208.6
1808.4
2408.2
3008
3607.8
4207.6
4807.4
5407.2
6007
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
insertion loss: -2.97 dB
1370
1376
1382
1388
1394
1400
1406
1412
1418
1424
1430
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
1370
1376
1382
1388
1394
1400
1406
1412
1418
1424
1430
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code: Year + week
X
2009
A
2010
B
2011
...
1
Input
2
Input
3
Ground
4
Ground
5
Output
6
Output
7
Ground
8
Ground
F00A
● X49
150 Ω Test circuit
150 Ohm
5
3,4,7, 8
6
2
L1
L2
C1
SAW
L2
L4
C2
1
150 Ohm
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.


Similar Part No. - TFS1400A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1400 VECTRON-TFS1400 Datasheet
184Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1400A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com