Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP805LEN Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP805LEN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP805LEN Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP805LEN Datasheet HTML 2Page - Sipex Corporation SP805LEN Datasheet HTML 3Page - Sipex Corporation SP805LEN Datasheet HTML 4Page - Sipex Corporation SP805LEN Datasheet HTML 5Page - Sipex Corporation SP805LEN Datasheet HTML 6Page - Sipex Corporation SP805LEN Datasheet HTML 7Page - Sipex Corporation SP805LEN Datasheet HTML 8Page - Sipex Corporation SP805LEN Datasheet HTML 9Page - Sipex Corporation SP805LEN Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SP690A/692ADS/08
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
6
Figure 1. V
CC to VOUT Vs. Output Current
Figure 3A. SP690A RESET Output Voltage vs.
Supply Voltage
Figure 2. V
BATT to VOUT Vs. Output Current
Figure 3B. Circuit for the SP690A/802L RESET
Output Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
2K
RESET
VBATT = 0V
TA = +25 C
1
10
100
1000
IOUT (mA)
V
CC=4.5V
V
BATT=0V
Slope=0.6
1
10
100
IOUT (mA)
V
BATT=4.5V
V
CC=0V
Slope=5
Figure 4A. SP805L RESET Output Voltage vs.
Supply Voltage
Figure 4B. Circuit for the SP805 RESET Output
Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
10K
VBATT
1000
100
10
1
1000
100
10
1
RESET
0V
VCC
VBATT = 0V
TA = 25 C
o
0V
2V
div
RESET
5V
VCC
0V
0V
2V
div
1sec/div
1sec/div


Similar Part No. - SP805LEN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP805LEN SIPEX-SP805LEN Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP805LEN SIPEX-SP805LEN Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP805LEN EXAR-SP805LEN Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
logo
Sipex Corporation
SP805LEN/TR SIPEX-SP805LEN/TR Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP805LEN/TR EXAR-SP805LEN/TR Datasheet
406Kb / 16P
   Low Power Microprocessor Supervisory
More results

Similar Description - SP805LEN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com