Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54327DRCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54327DRCT
Description  Output Single Synchronous Step-Down Switcher
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54327DRCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS54327DRCT Datasheet HTML 1Page - Texas Instruments TPS54327DRCT Datasheet HTML 2Page - Texas Instruments TPS54327DRCT Datasheet HTML 3Page - Texas Instruments TPS54327DRCT Datasheet HTML 4Page - Texas Instruments TPS54327DRCT Datasheet HTML 5Page - Texas Instruments TPS54327DRCT Datasheet HTML 6Page - Texas Instruments TPS54327DRCT Datasheet HTML 7Page - Texas Instruments TPS54327DRCT Datasheet HTML 8Page - Texas Instruments TPS54327DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS54327
SLVSAG1C – DECEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
20
V
VBST
–0.3
26
V
VBST (10 ns transient)
–0.3
28
V
Input voltage
VBST (vs SW)
–0.3
6.5
V
VFB, SS
–0.3
6.5
V
SW
–2
20
V
SW (10 ns transient)
–3
22
V
VREG5
–0.3
6.5
V
Output voltage
GND
–0.3
0.3
V
Voltage from GND to thermal pad, Vdiff
–0.2
0.2
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage
4.5
18
V
VBST
–0.1
24
VBST (10 ns transient)
–0.1
27
VBST(vs SW)
–0.1
6
SS
–0.1
5.7
VI
Input voltage
EN
–0.1
18
V
VFB
–0.1
5.5
SW
–1.8
18
SW (10 ns transient)
–3
21
GND
–0.1
0.1
VO
Output voltage
VREG5
–0.1
5.7
V
IO
Output Current
IVREG5
0
10
mA
TA
Operating free-air temperature
–40
85
°C
TJ
Operating junction temperature
–40
150
°C
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS54327


Similar Part No. - TPS54327DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54327DDA TI1-TPS54327DDA Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
TPS54327DDAR TI1-TPS54327DDAR Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
More results

Similar Description - TPS54327DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
[Old version datasheet]   Synchronous Step-Down SWIFT Switcher
TPS54327 TI-TPS54327_15 Datasheet
1Mb / 27P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET
TPS54425 TI-TPS54425_10 Datasheet
642Kb / 22P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54425 TI-TPS54425_15 Datasheet
1Mb / 25P
[Old version datasheet]   4-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
logo
Monolithic Power System...
MP2117 MPS-MP2117 Datasheet
779Kb / 12P
   1.25MHz, 2.2A Synchronous Step-Down Switcher
Rev. 0.92 6/20/2022
logo
Texas Instruments
TPS54327 TI1-TPS54327 Datasheet
569Kb / 20P
[Old version datasheet]   3-A OUTPUT SINGLE SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFTTM )
logo
Monolithic Power System...
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
   3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
   18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com