Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3702CX33QDDCRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702CX33QDDCRQ1
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702CX33QDDCRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3702CX33QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TPS3702CX33QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
6
5
4
VDD
SET
GND
SENSE
UV
OV
TPS3702-Q1
www.ti.com
SBVS261B – APRIL 2015 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DDC Package
SOT-6
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
Active-low, open-drain undervoltage output. This pin goes low when the SENSE voltage falls
1
UV
O
below the internally set undervoltage threshold (VIT–). See the timing diagram in Figure 1 for
more details. Connect this pin to a pull-up resistor terminated to the desired pull-up voltage.
2
GND
Ground
Input for the monitored supply voltage rail. When the SENSE voltage goes below the
3
SENSE
I
undervoltage threshold, the UV pin is driven low.
When the SENSE voltage goes above the overvoltage threshold, the OV pin is driven low.
Use this pin to configure the threshold voltages.
4
SET
I
Refer to Table 3 for the desired configuration.
Supply voltage input pin. To power the device, connect a voltage supply (within the range of 2 V
5
VDD
I
and 18 V) to VDD.
Good analog design practice is to place a 0.1-
μF ceramic capacitor close to this pin.
Active-low, open-drain overvoltage output. This pin goes low when the SENSE voltage rises
6
OV
O
above the internally set overvoltage threshold (VIT+). See the timing diagram in Figure 1 for more
details. Connect this pin to a pull-up resistor terminated to the desired pull-up voltage.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3702-Q1


Similar Part No. - TPS3702CX33QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702CX33DDCR TI1-TPS3702CX33DDCR Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702CX33DDCT TI1-TPS3702CX33DDCT Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702CX33QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com