Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2U3823-30QDBVRG4Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # 2U3823-30QDBVRG4Q1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2U3823-30QDBVRG4Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 2U3823-30QDBVRG4Q1 Datasheet HTML 2Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 3Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 4Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 5Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments 2U3823-30QDBVRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
V
IT-
V
DD
RESET
WDI
t
d
t
d
t
t(out)
t
d
undefined
undefined
1.1 V
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
7.6 Timing Requirements
At RL = 1 MΩ, CL = 50 pF, and TJ = 25°C, unless otherwise noted.
MIN
TYP
MAX
UNIT
at VDD
VDD = VIT− + 0.2 V, VDD = VIT– – 0.2 V
6
μs
tw
Pulse width
at MR
VDD ≥ VIT− + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
1
μs
at WDI
VDD ≥ VIT− + 0.2 V, VIL = 0.3 × VDD, VIH = 0.7 × VDD
100
ns
7.7 Switching Characteristics
At RL = 1 MΩ, CL = 50 pF, and TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS3820-xx-Q1
112
200
300
ms
VDD ≥ VIT− + 0.2 V
ttout
Watchdog time out
See Figure 1
TPS3823/4/8-xx-Q1
0.9
1.6
2.5
s
TPS3820-xx-Q1
15
25
37
VDD ≥ VIT− + 0.2 V
td
Delay time
ms
See Figure 1
TPS3823/4/5/8-xx-Q1
120
200
300
VDD ≥ VIT− + 0.2 V,
MR to RESET delay
VIL = 0.3 × VDD,
0.1
(TPS3820/3/5/8-xx-Q1)
Propagation (delay) time,
VIH = 0.7 × VDD
tPHL
µs
high-to-low-level output
VIL = VIT– – 0.2 V,
VDD to RESET delay
25
VIH = VIT– + 0.2 V
VDD ≥ VIT− + 0.2 V,
MR to RESET delay
VIL = 0.3 × VDD,
0.1
(TPS3824/5-xx-Q1)
Propagation (delay) time,
VIH = 0.7 × VDD
tPLH
µs
low-to-high-level output
VIL = VIT– – 0.2 V,
VDD to RESET delay
25
(TPS3824/5-xx-Q1)
VIH = VIT– + 0.2 V
Figure 1. Delay and Time Out Timing Diagram
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - 2U3823-30QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
2U3823-30QDBVRG4Q1 TI1-2U3823-30QDBVRG4Q1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
2U3823-30QDBVRG4Q1 TI1-2U3823-30QDBVRG4Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - 2U3823-30QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com