Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53219ARGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53219ARGTR
Description  Single Synchronous Step-Down Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53219ARGTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS53219ARGTR Datasheet HTML 1Page - Texas Instruments TPS53219ARGTR Datasheet HTML 2Page - Texas Instruments TPS53219ARGTR Datasheet HTML 3Page - Texas Instruments TPS53219ARGTR Datasheet HTML 4Page - Texas Instruments TPS53219ARGTR Datasheet HTML 5Page - Texas Instruments TPS53219ARGTR Datasheet HTML 6Page - Texas Instruments TPS53219ARGTR Datasheet HTML 7Page - Texas Instruments TPS53219ARGTR Datasheet HTML 8Page - Texas Instruments TPS53219ARGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TPS53219A
1
2
3
4
12
11
10
TRIP
EN
VFB
RF
SW
DRVL
VDRV
5
9
MODE
VREG
6
VDD
7
GND
8
PGND
16
PGOOD
15
NC
14
VBST
13
DRVH
UDG-11273
CSD86350
VIN
VIN
TG
TGR
SW
SW
SW
BG
PGND
Pad
VREG
EN
VDD
VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS53219A
SLUSAU4A – DECEMBER 2011 – REVISED DECEMBER 2015
TPS53219A Wide Input Voltage, Eco-Mode™, Single Synchronous Step-Down Controller
1 Features
2 Applications
1
Conversion Input Voltage Range: 3 V to 28 V
Storage Computers
VDD Input Voltage Range: 4.5 V to 25 V
Server Computers
Output Voltage Range: 0.6 V to 5.5 V
Multi-Function Printers
Wide Output Load Range: 0 A to > 20 A
Embedded Computing
Built-In 0.6-V (±0.8%) Reference
3 Description
Built-In LDO Linear Voltage Regulator
The TPS53219A device is a small-sized single buck
Auto-Skip Eco-Mode™ for Light-Load Efficiency
controller
with
adaptive
ON-time
D-CAP
mode
D-CAP™ Mode with 100-ns Load-Step Response
control. The device is suitable for low output voltage,
high current, PC system power rail and similar point-
Adaptive ON-Time Control Architecture with 8
of-load (POL) power supplies in digital consumer
Selectable Frequency Settings
products. The small package and minimal pin-count
4700ppm/°C RDS(on) Current Sensing
save space on the PCB, while the dedicated EN pin
0.7-ms, 1.4-ms, 2.8-ms and 5.6-ms Selectable
and pre-set frequency selections simplify the power
Internal Voltage Servo Soft-Start
supply design. The skip-mode at light load conditions,
strong gate drivers and low-side FET RDS(on) current
Pre-Charged Start-Up Capability
sensing supports low-loss and high efficiency, over a
Built-In Output Discharge
broad load range. The conversion input voltage (high-
Open-Drain Power Good Output
side FET drain voltage) range is between 4.5 V and
25 V, and the output voltage range is between 0.6 V
Integrated Boost Switch
and 5.5 V. The TPS53219A is available in a 16-pin,
Built-In OVP/UVP/OCP
QFN package specified from –40°C to 85°C.
Thermal Shutdown (Non-Latch)
3-mm × 3-mm QFN, 16-Pin (RGT) Package
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS53219A
QFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS53219ARGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53219ARGTR TI1-TPS53219ARGTR Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
More results

Similar Description - TPS53219ARGTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com