Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38852SX-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38852SX-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852SX-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38852SX-ADJ Datasheet HTML 6Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 7Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 8Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 9Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 10Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 11Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 12Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 13Page - Texas Instruments LP38852SX-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
LP38852-ADJ
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Refer to the Typical Application Circuit. Unless otherwise specified: TJ = 25°C, R1 = 1.4 kΩ, R2 = 1 kΩ, CFF= 0.01 µF,
VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, IOUT = 10 mA, CIN = 10-µF ceramic, COUT = 10-µF ceramic, CBIAS = 1-µF Ceramic, CSS =
open.
Figure 19. VBIAS PSRR
Figure 20. VIN PSRR
Figure 21. Output Noise
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38852-ADJ


Similar Part No. - LP38852SX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38852SX-ADJ NSC-LP38852SX-ADJ Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852SX-ADJ TI-LP38852SX-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852SX-ADJ/NOPB TI1-LP38852SX-ADJ/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results

Similar Description - LP38852SX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com