Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59108FIPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59108FIPWR
Description  8-Bit FM I2C Bus LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59108FIPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC59108FIPWR Datasheet HTML 5Page - Texas Instruments TLC59108FIPWR Datasheet HTML 6Page - Texas Instruments TLC59108FIPWR Datasheet HTML 7Page - Texas Instruments TLC59108FIPWR Datasheet HTML 8Page - Texas Instruments TLC59108FIPWR Datasheet HTML 9Page - Texas Instruments TLC59108FIPWR Datasheet HTML 10Page - Texas Instruments TLC59108FIPWR Datasheet HTML 11Page - Texas Instruments TLC59108FIPWR Datasheet HTML 12Page - Texas Instruments TLC59108FIPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
INPUT FILTER
I C BUS CONTROL
2
GRPFREQ
REGISTER
POWER-ON
RESET CONTROL
25 MH
OSCILLATOR
z
‘0’ – Permanently OFF
‘1’ – Permanently ON
NOTE:
All 8 FETs
are present
GND
VCC
RESET
SDA
SCL
190 Hz
24.3 H
k z
97 H
k z
GRPPWM
REGISTER
PWM
REGISTER
BRIGHTNESS
CONTROL
X
LED STATE
SELECT
REGISTER
OUTPUT DRIVER AND
ERROR DETECTION
A1
A3
A0
A2
OUT0
OUT1
OUT6
OUT7
TLC59108F
www.ti.com
SLDS162B – MARCH 2009 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The TLC59108F is an I2C bus controlled 8-bit LED driver optimized for red, green, blue, or amber (RGBA) color-
mixing applications. Each LED output has its own 8-bit resolution (256 steps) fixed frequency individual PWM
controller that operates at 97 kHz with a duty cycle that is adjustable from 0% to 99.6% to allow the LED to be
set to a specific brightness value. An additional 8-bit resolution (256 steps) group PWM controller has both a
fixed frequency of 190 Hz and an adjustable frequency between 24 Hz to once every 10.73 seconds with a duty
cycle that is adjustable from 0% to 99.6% that is used to either dim or blink all LEDs with the same value.
Each LED output can be off, on (no PWM control), set at its individual PWM controller value or at both individual
and group PWM controller values. The TLC59108F operates with a supply voltage range of 3 V to 5.5 V and the
outputs are 17-V tolerant. LEDs can be directly connected to the TLC59108F device outputs.
Software programmable LED group and three sub call I2C bus addresses allow all or defined groups of
TLC59108F devices to respond to a common I2C bus address, allowing for example, all the same color LEDs to
be turned on or off at the same time or marquee chasing effect, thus minimizing I2C bus commands.
Four hardware address pins allow up to 14 devices on the same bus.
The software reset (SWRST) call allows the master to perform a reset of the TLC59108F through the I2C bus,
identical to the power-on reset (POR) that initializes the registers to their default state causing the outputs to be
set high (LED off). This allows an easy and quick way to reconfigure all device registers to the same condition.
8.2 Functional Block Diagram
Only one PWM shown for clarity.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC59108F


Similar Part No. - TLC59108FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108FIPWR TI-TLC59108FIPWR Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results

Similar Description - TLC59108FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
Texas Instruments
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit Fm I2C Bus LED Driver
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com