Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8557IAYFQT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8557IAYFQT
Description  High-Efficiency LED Backlight Driver For Tablets
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8557IAYFQT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8557IAYFQT Datasheet HTML 5Page - Texas Instruments LP8557IAYFQT Datasheet HTML 6Page - Texas Instruments LP8557IAYFQT Datasheet HTML 7Page - Texas Instruments LP8557IAYFQT Datasheet HTML 8Page - Texas Instruments LP8557IAYFQT Datasheet HTML 9Page - Texas Instruments LP8557IAYFQT Datasheet HTML 10Page - Texas Instruments LP8557IAYFQT Datasheet HTML 11Page - Texas Instruments LP8557IAYFQT Datasheet HTML 12Page - Texas Instruments LP8557IAYFQT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
1p9s
1p7s
1p5s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
1p8s
1p6s
1p4s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
2p8s
2p6s
2p4s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
2p9s
2p7s
2p5s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
3p9s
3p7s
3p5s
C001
80
82
84
86
88
90
0
20
40
60
80
100
Brightness [%]
3p8s
3p6s
3p4s
C001
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified: VIN = VDD = 3.8 V, L = 10 µH Cyntec PIME051E, D = Diodes PD3S130L-7, COUT = 2 × 4.7 µF,
LED Vƒ = 2.85 V (typical), ILED_MAX = 25 mA per string.
Figure 8. LED Efficiency With 3 LED Strings
Figure 9. LED Efficiency With 3 LED Strings
Figure 10. LED Efficiency With 2 LED Strings
Figure 11. LED Efficiency With 2 LED Strings
Figure 12. LED Efficiency With 1 LED String
Figure 13. LED Efficiency With 1 LED String
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8557 LP85571


Similar Part No. - LP8557IAYFQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8550TLE/NOPB TI1-LP8550TLE/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550TLX-A/NOPB TI1-LP8550TLX-A/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550TLX/NOPB TI1-LP8550TLX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
[Old version datasheet]   LP8550 High-Efficiency LED Backlight Driver for Notebooks
More results

Similar Description - LP8557IAYFQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8556 TI1-LP8556_16 Datasheet
1Mb / 63P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com