Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5050Q1MK-1 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5050Q1MK-1
Description  High-Side OR-ing FET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5050Q1MK-1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5050Q1MK-1 Datasheet HTML 2Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 3Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 4Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 5Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 6Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 7Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 8Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 9Page - Texas Instruments LM5050Q1MK-1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM5050-1, LM5050-1-Q1
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12 V, VVS = VIN, VOUT = VIN, VOFF = 0 V, CGATE= 47 nF, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gate
TJ = 25°C
25
CGATE = 0
(2)
Capacitance
TJ = –40°C to 125°C
85
Discharge Time
CGATE = 10 nF
(2)
TJ = 25°C
60
tGATE(REV)
at Forward to
ns
Reverse
TJ = 25°C
180
Transition
CGATE = 47 nF
(2)
TJ = –40°C to 125°C
350
See Figure 1
Gate
Capacitance
DischargeTime
tGATE(OFF)
at OFF pin Low
CGATE = 47 nF
(3)
TJ = 25°C
486
ns
to High
Transition
See Figure 2
TJ = 25°C
2.8
VGATE = VIN + 3 V
Gate Pin Sink
LM5050MK-1,
IGATE(OFF)
VOUT > VIN + 100 mV
TJ = –40°C to 125°C
1.8
A
Current
LM5050Q1MK-1
t
≤ 10 ms
TJ = –40°C to 125°C
LM5050Q0MK-1
1.4
Reverse VSD
TJ = 25°C
–28
VSD(REV)
Threshold
VIN - VOUT
mV
TJ = –40°C to 125°C
–41
–16
VIN < VOUT
Reverse VSD
ΔVSD(REV)
TJ = 25°C
10
mV
Hysteresis
TJ = 25°C
19
LM5050MK-1,
VIN = 5 V
TJ = –40°C to 125°C
1
37
LM5050Q1MK-1
VVS = VIN
Regulated
VIN - VOUT
TJ = –40°C to 125°C
LM5050Q0MK-1
1
60
Forward VSD
VSD(REG)
mV
Threshold
TJ = 25°C
22
VIN > VOUT
LM5050MK-1,
VIN = 12 V
TJ = –40°C to 125°C
4.4
37
LM5050Q1MK-1
VVS = VIN
VIN - VOUT
TJ = –40°C to 125°C
LM5050Q0MK-1
4.4
60
OFF PIN
OFF Input High
TJ = 25°C
1.56
VOUT = VIN-500 mV
VOFF(IH)
Threshold
VOFF Rising
TJ = –40°C to 125°C
1.75
Voltage
V
OFF Input Low
TJ = 25°C
1.4
VOUT = VIN - 500 mV
VOFF(IL)
Threshold
VOFF Falling
TJ = –40°C to 125°C
1.1
Voltage
OFF Threshold
ΔVOFF
Voltage
VOFF(IH) - VOFF(IL)
TJ = 25°C
155
mV
Hysteresis
TJ = 25°C
5
VOFF = 4.5 V
OFF Pin Internal
IOFF
TJ = –40°C to 125°C
3
7
µA
Pulldown
VOFF = 5 V
TJ = 25°C
8
(2)
Time from VIN-VOUT voltage transition from 200 mV to -500 mV until GATE pin voltage falls to VIN + 1 V. See Figure 1.
(3)
Time from VOFF voltage transition from 0 V to 5 V until GATE pin voltage falls to VIN + 1 V. See Figure 2
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1


Similar Part No. - LM5050Q1MK-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050Q1MK-1 TI1-LM5050Q1MK-1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Similar Description - LM5050Q1MK-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com