Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5050Q0MK-1 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5050Q0MK-1
Description  High-Side OR-ing FET Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5050Q0MK-1 Datasheet(HTML) 3 Page - Texas Instruments

  LM5050Q0MK-1 Datasheet HTML 1Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 2Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 3Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 4Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 5Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 6Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 7Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 8Page - Texas Instruments LM5050Q0MK-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OFF
GATE
OUT
IN
1
2
3
6
5
4
VS
GND
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629E – MAY 2011 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
The main supply pin for all internal biasing and an auxiliary supply for the internal gate drive
1
VS
I
charge pump. Typically connected to either VOUT or VIN; a separate supply can also be used.
2
GND
PWR
Ground return for the controller
A logic high state at the OFF pin will pull the GATE pin low and turn off the external MOSFET.
3
OFF
I
Note that when the MOSFET is off, current will still conduct through the FET's body diode. This
pin should may be left open or connected to GND if unused.
4
IN
I
Voltage sense connection to the external MOSFET Source pin.
Connect to the Gate of the external MOSFET. Controls the MOSFET to emulate a low forward-
5
GATE
O
voltage diode.
6
OUT
O
Voltage sense connection to the external MOSFET Drain pin.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5050-1 LM5050-1-Q1


Similar Part No. - LM5050Q0MK-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050Q0MK-1 TI1-LM5050Q0MK-1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050Q0MK-1/NOPB TI1-LM5050Q0MK-1/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Similar Description - LM5050Q0MK-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com