Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3485MMX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3485MMX
Description  Hysteretic PFET Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485MMX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3485MMX Datasheet HTML 6Page - Texas Instruments LM3485MMX Datasheet HTML 7Page - Texas Instruments LM3485MMX Datasheet HTML 8Page - Texas Instruments LM3485MMX Datasheet HTML 9Page - Texas Instruments LM3485MMX Datasheet HTML 10Page - Texas Instruments LM3485MMX Datasheet HTML 11Page - Texas Instruments LM3485MMX Datasheet HTML 12Page - Texas Instruments LM3485MMX Datasheet HTML 13Page - Texas Instruments LM3485MMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM3485
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM3485 is buck (step-down) DC-DC controller that uses a hysteretic control scheme. The comparator is
designed with approximately 10 mV of hysteresis. In response to the voltage at the FB pin, the gate drive
(PGATE pin) turns the external PFET on or off. When the inductor current is too high, the current limit protection
circuit engages and turns the PFET off for approximately 9 µs.
Hysteretic control does not require an internal oscillator. Switching frequency depends on the external
components and operating conditions. Operating frequency reduces at light loads resulting in excellent efficiency
compared to other architectures.
Two external resistors can easily program the output voltage. The output can be set in a wide range from
1.242-V (typical) to VIN.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Hysteretic Control Circuit
The LM3485 uses a comparator-based voltage control loop. The feedback is compared to a 1.242-V reference,
and a 10-mV hysteresis is designed into the comparator to ensure noise free operation.
When the FB input to the comparator falls below the reference voltage, the output of the comparator moves to a
low state. This results in the driver output, PGATE, pulling the gate of the PFET low and turning on the PFET.
With the PFET on, the input supply charges Cout and supplies current to the load via the series path through the
PFET and the inductor. Current through the Inductor ramps up linearly and the output voltage increases. As the
FB voltage reaches the upper threshold, which is the internal reference voltage plus 10 mV, the output of the
comparator changes from low to high, and the PGATE responds by turning the PFET off. As the PFET turns off,
the inductor voltage reverses, the catch diode turns on, and the current through the inductor ramps down. Then,
as the output voltage reaches the internal reference voltage again, the next cycle starts.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LM3485


Similar Part No. - LM3485MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485MMX NSC-LM3485MMX Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX-NOPB TI-LM3485MMX-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Similar Description - LM3485MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com