Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1047582 Datasheet(PDF) 2 Page - SICK AG

Part # 1047582
Description  MID RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1047582 Datasheet(HTML) 2 Page - SICK AG

  1047582 Datasheet HTML 1Page - SICK AG 1047582 Datasheet HTML 2Page - SICK AG 1047582 Datasheet HTML 3Page - SICK AG 1047582 Datasheet HTML 4Page - SICK AG 1047582 Datasheet HTML 5Page - SICK AG 1047582 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT50-N1114 | Dx50
MID RANGE DISTANCE SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
DT50-N1114
1047582
Other models and accessories
www.sick.com/Dx50
Detailed technical data
Performance
Measuring range
200 mm ... 10,000 mm, 90 % remission
200 mm ... 6,500 mm, 18 % remission
200 mm ... 4,000 mm, 6 % remission
Resolution
1 mm
Repeatability
5 mm / 2.5 mm 1) 2) 3)
Accuracy
± 10 mm 4)
Response time
20 ms / 30 ms 3) 5)
Output time
≥ 4 ms 6)
Light source
Laser, red
Laser class
2 (EN 60825-1) 7)
Typ. light spot size (distance)
15 mm x 15 mm (10 m)
Additional function
Set moving average: fast/slow, switching mode: distance to object (DtO), teach-in, scaling and
inversion of switching output, set hysteresis, teach-in, scaling and inversion of analog output,
Multifunctional input: laser off / external teach / deactivated, switch-off display, reset to facto-
ry default, lock user interface
Laser service life (MTTF at 25 °C)
100,000 h
1) Equivalent to 1 σ.
2) 6 % ... 90 % remission.
3) Dependent on the averaging setting: fast/slow.
4) 90 % remission.
5) Lateral entry of the object into the measuring range.
6) Continuous change of distance in measuring range.
7) Wavelength: 658 nm; max. output: 180 mW; pulse duration: 5 ns; duty cycle: 1/200.
Interfaces
Analog output
1 x 0 V ... 10 V (≥ 5 kΩ)
1) Output Q short-circuit protected.
2) NPN: HIGH = < 2.5 V / LOW = VS.
3) Response time ≤ 15ms.
4) NPN: HIGH = ≤ 2.5 V / LOW = VS.


Similar Part No. - 1047582

ManufacturerPart #DatasheetDescription
logo
SICK AG
1047581 SICK-1047581 Datasheet
686Kb / 6P
   MID RANGE DISTANCE SENSORS
1047587 SICK-1047587 Datasheet
564Kb / 9P
   SWITCHING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1047582

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com