Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT50-2B215552 Datasheet(PDF) 4 Page - SICK AG

Part # DT50-2B215552
Description  MID RANGE DISTANCE SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DT50-2B215552 Datasheet(HTML) 4 Page - SICK AG

  DT50-2B215552 Datasheet HTML 1Page - SICK AG DT50-2B215552 Datasheet HTML 2Page - SICK AG DT50-2B215552 Datasheet HTML 3Page - SICK AG DT50-2B215552 Datasheet HTML 4Page - SICK AG DT50-2B215552 Datasheet HTML 5Page - SICK AG DT50-2B215552 Datasheet HTML 6Page - SICK AG DT50-2B215552 Datasheet HTML 7Page - SICK AG DT50-2B215552 Datasheet HTML 8Page - SICK AG DT50-2B215552 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT50-2B215552 | Dx50-2
MID RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-19 03:03:08
Subject to change without notice
Ambient temperature
Operation: –40 °C ... +65 °C 1)
Storage: –40 °C ... +75 °C
Typ. Ambient light immunity
40 klx
Vibration resistance
EN 60068-2-6 / EN 60068-2-64
Shock resistance
EN 60068-2-27
1) Uv ≤ 24 V.
Dimensional drawing (Dimensions in mm (inch))
36.2 (1.43)
1
2
47.4 (1.87)
131.4°
3.8
(0
.1
5)
M12 x 1
6.5
°
3 4
3
6 7 8
9
5
①  Optical axis, sender
②  Optical axis, receiver
③  Mounting hole, Ø 4.5 mm
④  Reference surface = 0 mm
⑤  Laser warning label
⑥  Status indicator output Qa/Q2
⑦  Status LEDs output Q1
⑧  Status indicator power on
⑨  Operating keys and display
Connection type


Similar Part No. - DT50-2B215552

ManufacturerPart #DatasheetDescription
logo
SICK AG
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DT50-2B215552

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com