Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16406Q3 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD16406Q3
Description  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16406Q3 Datasheet(HTML) 5 Page - Texas Instruments

  CSD16406Q3_15 Datasheet HTML 1Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 2Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 3Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 4Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 5Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 6Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 7Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 8Page - Texas Instruments CSD16406Q3_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
1
1.2
1.4
1.6
1.8
2
2.2
D006
VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
D007
TC = 25°C, I D = 20 A
TC = 125°C, I D = 20 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
D004
VDS - Drain-to-Source Voltage (V)
0
5
10
15
20
25
1
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20
40
60
80
100
D002
VGS = 4.5 V
VGS = 5 V
VGS = 10 V
VGS - Gate-To-Source Voltage (V)
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD16406Q3
www.ti.com
SLPS202B – AUGUST 2009 – REVISED DECEMBER 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = 20 A
VDS = 12.5 V
Figure 5. Capacitance
Figure 4. Gate Charge
ID = 250 µA
Figure 7. On Resistance vs Gate Voltage
Figure 6. Threshold Voltage vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD16406Q3


Similar Part No. - CSD16406Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
logo
VBsemi Electronics Co.,...
CSD16406Q3 VBSEMI-CSD16406Q3 Datasheet
1,006Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - CSD16406Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com