Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQM21DN100N00J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM21DN100N00J
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21DN100N00J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM21DN100N00J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM21DN100N00J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQM21DN100N00#
# indicates a package specification code.
< List of part numbers with package codes >
LQM21DN100N00D , LQM21DN100N00J , LQM21DN100N00B
Shape
L size
2.0 ±0.2mm
W size
1.25 ±0.2mm
T size
0.85 ±0.2mm
Size code in inch (mm)
0805 (2012)
Specifications
Inductance
10µH ±30%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
15mA
Rated current (Itemp) (Based on Temperature rise)
15mA
Max. of DC resistance
0.50Ω
Self resonance frequency (min.)
24MHz
Operating temperature range (Self-temperature rise is not
included)
-40∼85℃
Class of magnetic shield
Magnetic shield of
ferrite
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
4000
φ330mm Paper taping
10000
Packing in bulk
1000
Mass (Typ.)
1 piece
0.010g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/20


Similar Part No. - LQM21DN100N00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21DN1R0N00 MURATA-LQM21DN1R0N00 Datasheet
73Kb / 2P
   Inductor
LQM21DN1R0N00B MURATA-LQM21DN1R0N00B Datasheet
73Kb / 2P
   Inductor
LQM21DN1R0N00D MURATA-LQM21DN1R0N00D Datasheet
73Kb / 2P
   Inductor
LQM21DN1R0N00J MURATA-LQM21DN1R0N00J Datasheet
73Kb / 2P
   Inductor
More results

Similar Description - LQM21DN100N00J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com