Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP708S Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP708S
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP708S Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP708S Datasheet HTML 3Page - Sipex Corporation SP708S Datasheet HTML 4Page - Sipex Corporation SP708S Datasheet HTML 5Page - Sipex Corporation SP708S Datasheet HTML 6Page - Sipex Corporation SP708S Datasheet HTML 7Page - Sipex Corporation SP708S Datasheet HTML 8Page - Sipex Corporation SP708S Datasheet HTML 9Page - Sipex Corporation SP708S Datasheet HTML 10Page - Sipex Corporation SP708S Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Rev. 10-17-00
SP706 +3.0/ +3.3 Low Power Microprocessor Circuits
© Copyright 2000 Sipex Corporation
Figure 4A. Power-Fail Comparator De-assertion
Response Time.
30pF
1K
PFO
+1.25V
+3.3V
PFI
VCC = +3.3V
TA = +25 C
Figure 4B. Circuit for the Power-Fail Comparator
De-assertion Response Time.
Figure 5A. Power-Fail Comparator Assertion
Response Time.
Figure 5B. Circuit for the Power-Fail Comparator
Assertion Response Time.
Figure 6A. SP706 RESET Output Voltage vs. Supply
Voltage.
Figure 6B. Circuit for the SP706 RESET Output
Voltage vs. Supply Voltage.
330pF
2K
VCC
TA = +25
oC
VCC
RESET
RESET
GND
30pF
1K
PFO
+1.25V
+3.3V
PFI
VCC = +3.3V
TA = +25 C
1.2V
0V
1.4V
PFI
3V
PFO
PFI
1.2V
PFO
0V
3V
1.4V
3.6V
V
CC
0V
RESET


Similar Part No. - SP708S

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP708S SIPEX-SP708S Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP708S EXAR-SP708S Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP708SCN SIPEX-SP708SCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP708S

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com