Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0BQ-3N7-10 Datasheet(PDF) 3 Page - Semikron International

Part # C0BQ-3N7-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0BQ-3N7-10 Datasheet(HTML) 3 Page - Semikron International

  C0BQ-3N7-10 Datasheet HTML 1Page - Semikron International C0BQ-3N7-10 Datasheet HTML 2Page - Semikron International C0BQ-3N7-10 Datasheet HTML 3Page - Semikron International C0BQ-3N7-10 Datasheet HTML 4Page - Semikron International C0BQ-3N7-10 Datasheet HTML 5Page - Semikron International C0BQ-3N7-10 Datasheet HTML 6Page - Semikron International C0BQ-3N7-10 Datasheet HTML 7Page - Semikron International C0BQ-3N7-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C0BQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
28.01.2015
500
500
500
500
500
500
500
500
500
500
500
500
Test
( MHz )
500
500
C0BQ-4N0□-10
Part Number
335
DCR
( Ω )
Min
Q
14
□ : Inductance Tolerence : B=±0.1nH ,C=±0.2nH ,S=±0.3nH , H=±3% ,J=±5%
4.0
(nH)
4.1
4.2
4.6
4.3
5.4
5.9
5.6
6.5
6.2
4.7
5.0
5.1
6.8
Inductance
( MHz )
Min.
SRF
Rated Current
(mA) Max
7.1
500
7600
14
14
14
14
14
14
14
14
14
14
14
14
14
14
320
320
320
360
350
335
330
315
325
325
305
305
305
305
7500
7300
6500
6500
6400
6200
6100
5900
5500
5500
5100
5100
4800
4800
500
500
500
500
500
305
310
290
290
270
4600
4600
4300
4300
4000
14
14
14
14
14
7.5
7.8
8.2
8.5
9.1
Q(Typ.) Frequency(Hz)
500M
800M 1.8G
2.0G
2.4G
18
19
18
18
18
19
19
19
18
18
18
18
18
18
18
18
17
17
17
17
25
25
24
24
24
24
24
24
24
24
23
23
23
23
23
23
22
22
22
22
39
39
37
37
37
37
37
37
36
36
35
35
35
35
35
34
33
33
33
33
41
41
39
39
39
39
39
39
38
37
36
36
36
36
36
35
34
34
34
34
45
45
43
43
42
42
42
42
42
41
39
39
39
39
39
38
36
36
36
36
Max.
0.44
0.48
0.48
0.48
0.39
0.42
0.44
0.45
0.49
0.47
0.47
0.52
0.52
0.55
0.55
0.55
0.51
0.57
0.57
0.65
500
250
4000
14
9.4
17
22
33
34
36
0.73
500
230
3800
14
10.0
17
22
33
34
36
0.85
500
230
3300
14
12.0
17
22
31
32
33
0.85
500
220
2600
14
15.0
17
21
28
29
29
0.89
500
205
2300
14
18.0
16
21
26
26
25
1.05
500
190
1900
14
22.0
16
21
26
26
24
1.29
CERAMIC CHIP INDUCTORS
Frequency
B,C,S
B,C,S
B,C,S
C,S
C,S
C,S
C,S
C,S
C,S
C,S
C,S
C,S
C,S
H,J
Tolerance
H,J
H,J
H,J
H,J
H,J
H,J
H,J
H,J
H,J
H,J
H,J
H,J
C0BQ-4N1□-10
C0BQ-4N2□-10
C0BQ-4N3□-10
C0BQ-4N6□-10
C0BQ-4N7□-10
C0BQ-5N0□-10
C0BQ-5N1□-10
C0BQ-5N4□-10
C0BQ-5N6□-10
C0BQ-5N9□-10
C0BQ-6N2□-10
C0BQ-6N5□-10
C0BQ-6N8□-10
C0BQ-7N1□-10
C0BQ-7N5□-10
C0BQ-7N8□-10
C0BQ-8N2□-10
C0BQ-8N5□-10
C0BQ-9N1□-10
C0BQ-9N4□-10
C0BQ-10N□-10
C0BQ-12N□-10
C0BQ-15N□-10
C0BQ-18N□-10
C0BQ-22N□-10


Similar Part No. - C0BQ-3N7-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C0BQ-3N7-10 SUPERWORLD-C0BQ-3N7-10 Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0BQ-3N7-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com