Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP9111-PCB2140 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TQP9111-PCB2140
Description  1.8 ??2.7 GHz 2 Watt Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP9111-PCB2140 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TQP9111-PCB2140 Datasheet HTML 4Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 5Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 6Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 7Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 8Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 9Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 10Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 11Page - TriQuint Semiconductor TQP9111-PCB2140 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TQP9111
1.8 – 2.7 GHz 2 Watt Power Amplifier
Advanced Data Sheet: Rev. E 09-17-15
- 10 of 12 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.Qorvo.com / www.qorvo.com
Pin Configuration and Description
Top View
Pin No.
Label
Description
1, 5, 7, 9, 10, 11,
15, 17, 19
NC
No internal connection. Provide grounded land pads for PCB mounting integrity.
2, 3, 4
RF in
RF input pins. Require DC blocking and RF match for optimal performance.
6
IREF1
Sets the bias current for Amp1. Also can be used to power down.
8
IREF2
Sets the bias current for Amp2. Also can be used to power down.
12, 13, 14
RF out
RF output pins. Require DC blocking and RF match for optimal performance.
16
VBIAS
Voltage supply for active bias for the second stage amp.
18
VCC2
2nd Stage DC voltage supply connection.
20
VCC1
1st Stage DC voltage supply connection.
Backside Pad
GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal
resistance; see PCB Mounting Pattern for suggested footprint.
NC
RFin
RFin
RFin
NC
1
2
3
4
5
15
14
13
12
11
NC
RFout
RFout
RFout
NC
Backside Paddle
RF/DC GND
Pin 1 Marking


Similar Part No. - TQP9111-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9111-PCB2140 QORVO-TQP9111-PCB2140 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
More results

Similar Description - TQP9111-PCB2140

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Broadcom Corporation.
ALM-32220 BOARDCOM-ALM-32220 Datasheet
719Kb / 11P
   1.7 GHz ??2.7 GHz 2 Watt High Linearity Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
   1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
logo
Hittite Microwave Corpo...
HMC921LP4E HITTITE-HMC921LP4E Datasheet
2Mb / 34P
   GaAs HBT MMIC 2 WATT POWER AMPLIFIER, 0.4 - 2.7 GHz
HMC-C008 HITTITE-HMC-C008 Datasheet
829Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
HMC-C008 HITTITE-HMC-C008_10 Datasheet
489Kb / 6P
   15 WATT POWER AMPLIFIER MODULE, 1.8 - 2.2 GHz
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
   27-29 GHZ 1.8 Watt Power Amplifier MMIC
logo
Qorvo, Inc
QPA1014 QORVO-QPA1014 Datasheet
746Kb / 16P
   2.7 ??3.7 GHz 40 Watt GaN Amplifier
September 2018
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_17 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com