Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL9093 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TQL9093
Description  Ultra Low Noise, Flat Gain LNA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9093 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TQL9093 Datasheet HTML 1Page - TriQuint Semiconductor TQL9093 Datasheet HTML 2Page - TriQuint Semiconductor TQL9093 Datasheet HTML 3Page - TriQuint Semiconductor TQL9093 Datasheet HTML 4Page - TriQuint Semiconductor TQL9093 Datasheet HTML 5Page - TriQuint Semiconductor TQL9093 Datasheet HTML 6Page - TriQuint Semiconductor TQL9093 Datasheet HTML 7Page - TriQuint Semiconductor TQL9093 Datasheet HTML 8Page - TriQuint Semiconductor TQL9093 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TQL9093
Ultra Low Noise, Flat Gain LNA
Advanced Datasheet: Rev D 2-24-16
- 5 of 9 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc
www.triquint.com \ www.qorvo.com
RFMD + TriQuint = Qorvo
TQL9093-PCB Evaluation Board
Notes:
1. See Evaluation Board PCB Information section for material and stack-up.
2.
R3 (0 Ω jumper) is not shown on the schematic and may be replaced with copper trace in the target application layout.
3. All components are of 0402 size unless stated on the schematic.
4.
For TDD Applications: R1 = 20K & R2 = 0Ω
5. For FDD Applications: R1 = 20K
‘OR’ Pin 6 tied to ground. R2 = DNP/Omitted
6. A through line is included on the evaluation board to de-embed the board losses.
7. R4 sets the current draw. Can be changed for the desired bias point. See table below.
Bill of Material
– TQL9093-PCB
Reference Des.
Value
Description
Manuf.
Part Number
N/A
N/A
Printed Circuit Board
Qorvo
U1
n/a
Ultra Low Noise, Flat Gain LNA
Qorvo
TQL9093
R4
3K
Resistor, Chip, 0402, 5%, 1/16W
various
R1
20K
Resistor, chip, 0402, 5%, 1/16W
various
R2, 3
0 Ω
Resistor, Chip, 0402, 5%, 1/16W
various
L1
18 nH
Inductor, coil, 0603, 5%
Coilcraft
0603CS-18NXJL
C4
1.0 uF
Cap., Chip, 0402, 10%, 10V, X5R
various
C1, C2, C5, C6
100 pF
Cap., Chip, 0402, 5%, 50V, NPO/COG
various
C3
1000 pF
Cap, chip, 0402
various
C3
J4
J3
J1
J2
C4
R2
U1
C6
C5
J6
J7
J5
C1
C2
C7
Q1
J2
RF
Output
J4 GND
J3 V
DD
2
3,4,5,8
7
J1
RF
Input
L1
18 nH
(0603) C2
100 pF
C1
100 pF
C3
1000 pF
C4
1 uF
R2
0
R1
20K
J5 P
D
6
R4
C7
100 pF
1
See notes 4 & 5.


Similar Part No. - TQL9093

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
TQL9093-PCB QORVO-TQL9093-PCB Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
More results

Similar Description - TQL9093

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
   Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9504 QORVO-QPL9504 Datasheet
1Mb / 12P
   Ultra Low Noise, Flat Gain LNA
Dec 15, 2020
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
logo
Qorvo, Inc
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
TQL9092 QORVO-TQL9092 Datasheet
789Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
July 21, 2020
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
   Ultra Low-Noise, Flat Gain LNA
June 10, 2020
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
TriQuint Semiconductor
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com