Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQL9093 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TQL9093
Description  Ultra Low Noise, Flat Gain LNA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQL9093 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TQL9093 Datasheet HTML 1Page - TriQuint Semiconductor TQL9093 Datasheet HTML 2Page - TriQuint Semiconductor TQL9093 Datasheet HTML 3Page - TriQuint Semiconductor TQL9093 Datasheet HTML 4Page - TriQuint Semiconductor TQL9093 Datasheet HTML 5Page - TriQuint Semiconductor TQL9093 Datasheet HTML 6Page - TriQuint Semiconductor TQL9093 Datasheet HTML 7Page - TriQuint Semiconductor TQL9093 Datasheet HTML 8Page - TriQuint Semiconductor TQL9093 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TQL9093
Ultra Low Noise, Flat Gain LNA
Advanced Datasheet: Rev D 2-24-16
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc
www.triquint.com \ www.qorvo.com
RFMD + TriQuint = Qorvo
S-Parameters
Test Conditions: VDD=+5 V, IDD=120 mA (typ.), T=+25°C, unmatched 50 ohm system, calibrated to device leads
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
0.6
-8.86
-139.90
22.74
78.61
-31.50
39.70
-13.38
64.84
0.7
-10.03
-150.92
21.91
63.87
-30.56
31.41
-15.86
54.42
0.8
-11.16
-160.19
21.18
50.66
-29.82
23.53
-18.47
45.38
0.9
-12.30
-167.88
20.55
38.60
-29.22
16.00
-21.30
37.43
1
-13.47
-174.08
20.00
27.41
-28.74
8.73
-24.56
30.37
1.1
-14.68
-178.79
19.54
16.90
-28.34
1.70
-28.65
23.93
1.2
-15.95
178.14
19.16
6.93
-28.02
-5.13
-34.78
17.33
1.3
-17.27
176.97
18.84
-2.59
-27.77
-11.79
-53.16
-8.30
1.4
-18.61
178.14
18.59
-11.76
-27.57
-18.31
-38.00
-164.49
1.5
-19.88
-177.81
18.38
-20.63
-27.41
-24.71
-31.62
-170.37
1.6
-20.90
-170.59
18.23
-29.26
-27.30
-31.03
-28.04
-174.65
1.7
-21.40
-160.85
18.12
-37.70
-27.22
-37.28
-25.46
-178.62
1.8
-21.22
-150.56
18.05
-45.99
-27.17
-43.48
-23.37
177.38
1.9
-20.46
-141.99
18.01
-54.16
-27.16
-49.67
-21.56
173.19
2
-19.37
-136.18
18.01
-62.25
-27.18
-55.86
-19.93
168.70
2.1
-18.17
-133.02
18.04
-70.28
-27.22
-62.08
-18.42
163.85
2.2
-16.98
-131.95
18.09
-78.29
-27.30
-68.34
-17.00
158.61
2.3
-15.86
-132.43
18.16
-86.29
-27.42
-74.67
-15.66
152.97
2.4
-14.82
-134.07
18.26
-94.33
-27.56
-81.10
-14.38
146.93
2.5
-13.85
-136.59
18.37
-102.41
-27.75
-87.65
-13.16
140.50
2.6
-12.96
-139.82
18.50
-110.56
-27.98
-94.34
-11.99
133.68
2.7
-12.14
-143.64
18.64
-118.81
-28.27
-101.20
-10.88
126.50
2.8
-11.39
-147.97
18.78
-127.18
-28.61
-108.26
-9.81
118.95
2.9
-10.69
-152.76
18.92
-135.68
-29.02
-115.55
-8.80
111.05
3
-10.06
-157.97
19.06
-144.32
-29.52
-123.10
-7.84
102.80
3.1
-9.48
-163.59
19.20
-153.12
-30.12
-130.93
-6.93
94.23
3.2
-8.96
-169.58
19.31
-162.07
-30.84
-139.11
-6.08
85.35
3.3
-8.50
-175.91
19.41
-171.17
-31.72
-147.67
-5.29
76.17
3.4
-8.11
177.42
19.47
179.59
-32.77
-156.70
-4.57
66.73
3.5
-7.77
170.47
19.51
170.24
-34.06
-166.35
-3.91
57.07
3.6
-7.50
163.28
19.50
160.81
-35.66
-176.88
-3.32
47.23
3.7
-7.29
155.88
19.46
151.35
-37.66
171.13
-2.81
37.25
3.8
-7.14
148.34
19.37
141.90
-40.23
156.33
-2.37
27.20
3.9
-7.05
140.71
19.23
132.51
-43.53
135.06
-1.99
17.13
4
-7.02
133.03
19.05
123.24
-46.99
97.87
-1.69
7.10
4.1
-7.03
125.37
18.83
114.11
-47.01
45.50
-1.45
-2.86
4.2
-7.08
117.75
18.58
105.17
-43.87
10.27
-1.27
-12.69


Similar Part No. - TQL9093

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
TQL9093-PCB QORVO-TQL9093-PCB Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
More results

Similar Description - TQL9093

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
   Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9504 QORVO-QPL9504 Datasheet
1Mb / 12P
   Ultra Low Noise, Flat Gain LNA
Dec 15, 2020
logo
TriQuint Semiconductor
TQL9092 TRIQUINT-TQL9092 Datasheet
574Kb / 9P
   Ultra Low Noise, Flat Gain LNA
logo
Qorvo, Inc
TQL9093 QORVO-TQL9093 Datasheet
717Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
G, June 10, 2020
TQL9092 QORVO-TQL9092 Datasheet
789Kb / 12P
   Ultra Low-Noise, Flat Gain LNA
July 21, 2020
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
   Ultra Low-Noise, Flat Gain LNA
June 10, 2020
QPL6202Q QORVO-QPL6202Q Datasheet
769Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
TriQuint Semiconductor
QPL6202 TRIQUINT-QPL6202 Datasheet
777Kb / 8P
   Ultra-Low Noise, High Gain LNA
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
   Ultra Low-Noise, Bypass LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com