Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGP2109 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGP2109
Description  8-12 6-Bit Digital Phase Shifter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2109 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGP2109 Datasheet HTML 5Page - TriQuint Semiconductor TGP2109 Datasheet HTML 6Page - TriQuint Semiconductor TGP2109 Datasheet HTML 7Page - TriQuint Semiconductor TGP2109 Datasheet HTML 8Page - TriQuint Semiconductor TGP2109 Datasheet HTML 9Page - TriQuint Semiconductor TGP2109 Datasheet HTML 10Page - TriQuint Semiconductor TGP2109 Datasheet HTML 11Page - TriQuint Semiconductor TGP2109 Datasheet HTML 12Page - TriQuint Semiconductor TGP2109 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TGP2109
8-12 6-Bit Digital Phase Shifter
Datasheet: Rev - 9-30-15
- 9 of 15 -
Disclaimer: Subject to change without notice
© 2015 Qorvo
www.Qorvo.com
Typical Performance – Large Signal (Cont.)
Test conditions unless otherwise noted: 5V and 3V, 25 °C
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Temperature
V
REF = 5 V, Freq. = 10 GHz, Phase State = 0 deg
-40C
+25C
+85C
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Temperature
V
REF = 3 V, Freq. = 10 GHz, Phase State = 0 deg
-40C
+25C
+85C
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Frequency
V
REF = 5 V, 25
0C, Phase State = 0 deg
7 GHz
8 GHz
9 GHz
10 GHz
11 GHz
12 GHz
13 GHz
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Frequency
V
REF = 3 V, 25
0C, Phase State = 0 deg
7 GHz
8 GHz
9 GHz
10 GHz
11 GHz
12 GHz
13 GHz
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Phase States
V
REF = 5 V, Freq. = 10 GHz, 25
0C
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
2
4
6
8 10 12 14 16 18 20 22 24
Pin (dBm)
Current I
REF vs. Pin vs. Phase States
V
REF = 3 V, Freq. = 10 GHz, 25
0C
0 deg
5 deg
11 deg
22 deg
45 deg
90 deg
180 deg
355 deg


Similar Part No. - TGP2109

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGP2109-SM TRIQUINT-TGP2109-SM Datasheet
1Mb / 16P
   8-12 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
TGP2109EVB QORVO-TGP2109EVB Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
More results

Similar Description - TGP2109

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2109-SM TRIQUINT-TGP2109-SM Datasheet
1Mb / 16P
   8-12 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
TGP2109 QORVO-TGP2109 Datasheet
551Kb / 15P
   8-12 GHz 6-Bit Digital Phase Shifter
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
PTM-84B-100B MERRIMAC-PTM-84B-100B Datasheet
125Kb / 2P
   8-BIT DIGITAL PHASE SHIFTER
PTM-84A-20B MERRIMAC-PTM-84A-20B Datasheet
108Kb / 2P
   8-BIT DIGITAL PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC643LC5 HITTITE-HMC643LC5 Datasheet
455Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643 HITTITE-HMC643 Datasheet
330Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643 HITTITE-HMC643_09 Datasheet
229Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC643LC5 HITTITE-HMC643LC5_08 Datasheet
330Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12 GHz
HMC543 HITTITE-HMC543_09 Datasheet
272Kb / 6P
   22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com