Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0BQ-0N6-10 Datasheet(PDF) 2 Page - Semikron International

Part # C0BQ-0N6-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0BQ-0N6-10 Datasheet(HTML) 2 Page - Semikron International

  C0BQ-0N6-10 Datasheet HTML 1Page - Semikron International C0BQ-0N6-10 Datasheet HTML 2Page - Semikron International C0BQ-0N6-10 Datasheet HTML 3Page - Semikron International C0BQ-0N6-10 Datasheet HTML 4Page - Semikron International C0BQ-0N6-10 Datasheet HTML 5Page - Semikron International C0BQ-0N6-10 Datasheet HTML 6Page - Semikron International C0BQ-0N6-10 Datasheet HTML 7Page - Semikron International C0BQ-0N6-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C0BQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
28.01.2015
6. ELECTRICAL CHARACTERISTICS :
500
500
500
500
500
500
500
500
500
500
500
500
Test
( MHz )
500
500
C0BQ-0N6□-10
Part Number
900
DCR
( Ω )
Min
Q
14
0.6
(nH)
0.7
0.8
1.0
0.9
1.4
1.6
1.5
1.8
1.7
1.1
1.2
1.3
1.9
Inductance
( MHz )
Min.
SRF
Rated Current
(mA) Max
2.0
500
10000
14
14
14
14
14
14
14
14
14
14
14
14
14
14
900
900
900
850
850
800
760
640
600
510
680
640
620
600
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
500
500
500
500
500
550
500
460
430
415
10000
10000
10000
10000
10000
14
14
14
14
14
2.1
2.2
2.3
2.4
2.5
Q(Typ.) Frequency(Hz)
500M
800M 1.8G
2.0G
2.4G
>35
>35
>35
>35
>35
>35
35
32
29
27
25
25
25
24
24
24
24
24
22
22
>47
>47
>47
>47
>47
>47
47
43
39
36
33
32
32
31
31
31
31
31
28
29
>75
>75
>75
>75
>75
>75
75
70
63
59
54
52
51
50
50
50
50
49
45
46
>80
>80
>80
>80
>80
>80
80
74
67
62
57
54
53
53
53
53
53
52
48
49
>88
>88
>88
>88
>88
>88
88
82
75
69
63
61
59
58
58
58
58
58
53
54
Max.
0.06
0.06
0.06
0.06
0.07
0.07
0.08
0.09
0.12
0.15
0.19
0.11
0.12
0.13
0.15
0.16
0.20
0.24
0.26
0.28
500
405
10000
14
2.6
21
27
44
46
51
0.30
500
400
10000
14
2.7
20
26
41
43
48
0.32
500
500
9500
14
2.8
20
26
41
43
47
0.20
500
480
9300
14
2.9
20
26
41
43
47
0.22
500
460
9100
14
3.0
20
26
41
43
47
0.24
500
450
8900
14
3.1
20
26
41
43
47
0.25
500
415
8700
14
3.2
20
26
40
43
47
0.28
500
415
8600
14
3.3
20
26
40
43
47
0.28
500
410
8400
14
3.4
20
25
40
43
47
0.29
500
405
8200
14
3.5
20
25
40
42
46
0.30
500
400
8100
14
3.6
19
25
40
42
46
0.32
500
370
8000
14
3.7
19
25
40
42
46
0.36
500
355
7800
14
3.8
19
25
39
41
45
0.40
500
350
7700
14
3.9
19
25
39
41
45
0.41
CERAMIC CHIP INDUCTORS
Frequency
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
Tolerance
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
B,C,S
C0BQ-0N7□-10
C0BQ-0N8□-10
C0BQ-0N9□-10
C0BQ-1N0□-10
C0BQ-1N1□-10
C0BQ-1N2□-10
C0BQ-1N3□-10
C0BQ-1N4□-10
C0BQ-1N5□-10
C0BQ-1N6□-10
C0BQ-1N7□-10
C0BQ-1N8□-10
C0BQ-1N9□-10
C0BQ-2N0□-10
C0BQ-2N1□-10
C0BQ-2N2□-10
C0BQ-2N3□-10
C0BQ-2N4□-10
C0BQ-2N5□-10
C0BQ-2N6□-10
C0BQ-2N7□-10
C0BQ-2N8□-10
C0BQ-2N9□-10
C0BQ-3N0□-10
C0BQ-3N1□-10
C0BQ-3N2□-10
C0BQ-3N3□-10
C0BQ-3N4□-10
C0BQ-3N5□-10
C0BQ-3N6□-10
C0BQ-3N7□-10
C0BQ-3N8□-10
C0BQ-3N9□-10


Similar Part No. - C0BQ-0N6-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C0BQ-0N6-10 SUPERWORLD-C0BQ-0N6-10 Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0BQ-0N6-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com