Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAQ7F110-RB-10 Datasheet(PDF) 4 Page - Superworld Electronics

Part # WAQ7F110-RB-10
Description  Wirewound Type Common Mode Filter (RoHS Compliant)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WAQ7F110-RB-10 Datasheet(HTML) 4 Page - Superworld Electronics

  WAQ7F110-RB-10 Datasheet HTML 1Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 2Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 3Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 4Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 5Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 6Page - Superworld Electronics WAQ7F110-RB-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PG. 4
Humidity Resistance Test
Thermal Shock
Life Test
Reliabilty Test
ITEM
Humidity : 85± 2% R.H
Measured at room temperature after placing for 24± 2 hrs
Duration:1000hrs Min. with 100% rated current
Number of cycles: 500
Temperature : 85± 2° C
Measured at room fempraturc after placing for 24± 2 hrs
Step
1
3
2
30± 5
-40± 2
25± 2
105± 2
0.5
30± 5
Temperature (° C)
Times (min.)
PERFORMANCE
TEST CONDITION
Testing Time : 12 hours(20 minutes, 12 cycles each of 3
orientations)。
Total Amplitude : 1.52mm± 10%
Oscillation Frequency : 10~2K~10Hz for 20 minutes
Vibration Test
Equipment : Vibration checker
8. RELIABILITY & TEST CONDITION :
Duration : 1000± 12hrs
Applied Current : rated current
Temperature : 85± 2° C
Measured at room temperature after placing for 24± 2 hrs.
( IPC/JEDEC J-STD-020D Classification Reflow Profiles)
Preconditioning: Run through IR reflow for 2 times.
( IPC/JEDEC J-STD-020D Classification Reflow Profiles)
Preconditioning: Run through IR reflow for 2 times.
( IPC/JEDEC J-STD-020D Classification Reflow Profiles)
Preconditioning: Run through IR reflow for 2 times.
( IPC/JEDEC J-STD-020D Classification Reflow Profiles)
Preconditioning: Run through IR reflow for 2 times.
SUPERWORLD ELECTRONICS (S) PTE LTD
Wirewound Type Common Mode Filter (RoHS Compliant)
APPROVED
ENGINEERING
CONTROLLED COPY
RDC:within ±15% of initial value and shall not
Appearance:No damage.
Inductance:within±10% of initial value
exceed the specification value
NOTE : Specifications subject to change without notice. Please check our website for latest information.
WAQ7F SERIES
01.04.2015
01 APR 2015


Similar Part No. - WAQ7F110-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WAQ7FN101-RA-10 SUPERWORLD-WAQ7FN101-RA-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
WAQ7FN220-RB-10 SUPERWORLD-WAQ7FN220-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
WAQ7FN510-RB-10 SUPERWORLD-WAQ7FN510-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
More results

Similar Description - WAQ7F110-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CMT03-120-RA-10 SUPERWORLD-CMT03-120-RA-10 Datasheet
456Kb / 9P
   Common mode filter (RoHS Compliant)
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com