Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02061-12 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02061-12
Description  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-12 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02061-12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
02061-DSH-001-G
Mindspeed Technologies
®
3
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
TJ
Junction temperature
-40 to +110 1
°C
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TA
Operating ambient temperature
-40 to +95 2
°C
TSTG
Storage temperature
-65 to +150
°C
IBIASOUT (MAX)
Maximum bias output current
150
mA
IMOD (MAX)
Maximum modulation current
140
mA
DIN+/-
Data inputs
0 to VCC3 + 0.4
V
DIS, SCB, VCC3SEL
Mode control inputs
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror
compliance voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photo diode current
2
mA
FAIL
Status flags
-0.4 to VCC + 0.4
V
PWA, APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSTART
Temperature compensation start temperature
-0.4 to 1.0
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC + 0.4
V
1. QFN package:
Air Velocity
θ
JA
0 m/s
57 ºC/W
1 m/s
50 ºC/W
2.5 m/s
45 ºC/W
The above thermal resistance is based on a 4-layer JEDEC standard board (76.2 x 114.3 mm).
2. The maximum operating ambient temperature is the lesser of 95 °C or TA TJ(Max) - (θJA (Max) x Q) where Q is the power dissipated
in the M02061.


Similar Part No. - M02061-12

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061-12 MA-COM-M02061-12 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Similar Description - M02061-12

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com