Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02061 Datasheet(PDF) 26 Page - M/A-COM Technology Solutions, Inc.

Part # M02061
Description  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061 Datasheet(HTML) 26 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 26Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 27Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M02061 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Functional Description
02061-DSH-001-G
Mindspeed Technologies
®
26
Mindspeed Proprietary and Confidential
3.3.6
Modulator Output
The output stage is designed to drive a 25
Ω output load over a wide range of currents and circuit architectures. The
laser may be AC, DC, or Differentially coupled depending on the supply voltage.
Figure 3-5.
TC Slope Compensation Behavior
Table 3-2.
Modulation Current Maximums
Max
Modulation Current
Max Bias Current
VCC=5V, Laser DC coupled
80
60
VCC=5V, Laser AC coupled
80(1)
60
VCC=3.3V, Laser DC coupled
100(2)
100
VCC=3.3V, Laser AC coupled
100
100
When differentially coupling, the maximum modulation and bias current is determined by either the AC or DC coupling of the OUT+ or OUT- output,
whichever has the minimum rating.
1.
When AC coupling the output should never be allowed to swing above the absolute voltage rating of the part, which is 6V.
2.
When VCC=3.3V, the OUT+ and OUT- should not be driven below 1.6V. In most 3.3V applications, this will make DC coupling impractical.
-30.00
-20.00
-10.00
0.00
10.00
20.00
30.00
40.00
50.00
60.00
-40
-20
0
20
40
60
80
100
Ambient Temperature in degrees C
RTCslope:
22k
27k
33k
39k
47k
51k
62k
75k
82k
100k
120k
150k
220k
390k
750k
open


Similar Part No. - M02061

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061-12 MA-COM-M02061-12 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02061-21 MA-COM-M02061-21 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02061-EVM MA-COM-M02061-EVM Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02061G-12 MA-COM-M02061G-12 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02061G-21 MA-COM-M02061G-21 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Similar Description - M02061

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com