Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6832 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6832 Datasheet HTML 1Page - Sipex Corporation SP6832 Datasheet HTML 2Page - Sipex Corporation SP6832 Datasheet HTML 3Page - Sipex Corporation SP6832 Datasheet HTML 4Page - Sipex Corporation SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
SPECIFICATIONS FOR THE SP6832
V
IN = +5.0V, C1 = C2 = C3 = 0.33µF and TAMB = 25
oC unless otherwise noted. The circuit found in Figure 14 was
used to obtain the following typical performance characteristics (unless otherwise noted).
NOTE 1: V
OUT = -VIN +200mV
NOTE 2: Capacitors are approximately 20% of the output impedance where ESR =
NOTE 3: Power Efficiency (Ideal) =
VOUT x IOUT
-VIN x (-VIN/RL)
NOTE 4: Power Efficiency (Actual) =
VOUT x IOUT
VIN x IIN
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
IN.....................................................................................-0.3V to +5.6V
V
OUT...................................................................................-5.6V to +0.3V
V
OUT Short Circuit to GND.................................................Indefinite
I
OUT...................................................................................................50mA
Storage Temperature.....................................................-65˚C to +150˚C
Power Dissipation per Package
5-pin SOT (derate 4.35mW/oC above +70oC).............................400mW
Lead Temperature (Soldering)....................................................300oC
ESD Rating...............................................2kV Human Body Model
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
e
g
a
t
l
o
V
m
u
m
i
n
i
M
e
g
a
t
l
o
V
y
l
p
p
u
S4
.
1
6
8
.
05
1
.
1
3
.
5
V
R
L
k
0
1
=
Ω T
,
B
M
A
1
e
t
o
N
,
C
°
5
2
+
=
R
L
k
0
1
=
Ω T
,
B
M
A
C
°
5
8
+
o
t
C
°
0
4
-
=
t
n
e
r
r
r
u
C
y
l
p
p
u
S7
.
04
.
1A
mT
B
M
A
0
4
-
=
o
5
8
+
o
t
C
o
=
L
R
,
C
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O9
15
4
I
T
U
O
2
e
t
o
N
,
A
m
5
2
o
t
A
m
5
=
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O0
0
30
0
50
5
7z
H
k
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V5
99
.
9
9%
R
L =
)
l
a
e
d
I
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
9%
I
T
U
O
3
e
t
o
N
,
A
m
5
=
)
l
a
u
t
c
A
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P7
8%
I
T
U
O
4
e
t
o
N
,
A
m
5
=
1
f
OSC x C


Similar Part No. - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
More results

Similar Description - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
logo
List of Unclassifed Man...
OZ965 ETC-OZ965 Datasheet
66Kb / 7P
   High-Efficiency Inverter Controller
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
   High-Efficiency Inverter Controller
logo
Axiomtek Co., Ltd.
IV-04N-300 AXIOMTEK-IV-04N-300 Datasheet
183Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-800 AXIOMTEK-IV-02N-800 Datasheet
184Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-300 AXIOMTEK-IV-02N-300 Datasheet
160Kb / 1P
   High efficiency Inverter for LCD panel
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com