Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS201610D2R2MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SPS201610D2R2MF
Description  SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS201610D2R2MF Datasheet(HTML) 4 Page - Superworld Electronics

  SPS201610D2R2MF Datasheet HTML 1Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 2Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 3Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 4Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 5Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 6Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 7Page - Superworld Electronics SPS201610D2R2MF Datasheet HTML 8Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
Bending
More than 95% of the terminal electrode
Terminal Strength
Solderability Test
should be covered with solder.
60
seconds
Preheating
245°C
150°C
4±1
seconds
cooling
Dipping
Natural
Solder : Sn99.5%-Cu0.5%
Flux for lead free: Rosin.9.5%
Dip Time : 4±1sec.
Preheat : 150°C, 60sec.
Solder Temperature : 245±5°C
Q:Shall not exceed the specification value.
RDC:Shall not exceed the specification value.
Appearance:No damage.
(>0805:1kg <=0805:0.5kg)to the side of a
for 60 +1 seconds. Also the force shall be
applied gradually as not to shock the
Component mounted on a PCB apply a forc
device being tested. This force shall be applied
component being tested.
following dimensions:>=0805:40x100x1.2mm
Bending depth:>=0805:1.2mm
<0805:0.8mm
Shall be mounted on a FR4 substrate of the
Duration of 10 sec for a min.
<0805:40x100x0.8mm
Depth: completely cover the termination
Resistance to Soldering
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
Inductance L
ITEM
Agilent-4291, Agilent-4287
Agilent-4291
TEST CONDITION
Appearance:No damage.
to drop approximately ΔL(%).
Saturation DC Current (Isat) will cause L0
Agilent-4338
Heat
Base on temp. rise & ΔL/L0A 30%.
Q
SRF
DC Resistance
Rated Current
rise approximately ΔT(°C) without core loss.
Heat Rated Current (Irms) will cause the coil temperature
ΔT 40°CMax
Temperature Rise Test
1.Applied the allowed DC current.
2.Temperature measured by digital surface thermometer
Mechanical Performance Test
150°C
10±1.0
seconds
60
seconds
Preheating
260°C
Dipping
Natural
cooling
Agilent-4192, Agilent-4285
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:Shall not exceed the specification value.
Preheat: 150°C,60sec.
Solder: Sn99.5%-Cu0.5%
Solder tamperature: 260±5°C
Flux for lead free: Rosin. 9.5%
Depth: completely cover the termination.
Dip time: 10±1sec.
Temp.: 260±5°C
7. RELIABILITY & TEST CONDITION :
Inductance:within±10% of initial value
Q:Shall not exceed the specification value.
RDC:Shall not exceed the specification value.
Appearance:No damage.
Inductance:within±10% of initial value
15.08.2013
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD POWER INDUCTOR
SPS201610D SERIES


Similar Part No. - SPS201610D2R2MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS201610E1R0MF SUPERWORLD-SPS201610E1R0MF Datasheet
199Kb / 7P
   SMD Power Inductors
SPS201610E1R0MF SUPERWORLD-SPS201610E1R0MF Datasheet
299Kb / 7P
   SMD Power Inductor
SPS201610E1R5MF SUPERWORLD-SPS201610E1R5MF Datasheet
299Kb / 7P
   SMD Power Inductor
SPS201610E2R2MF SUPERWORLD-SPS201610E2R2MF Datasheet
199Kb / 7P
   SMD Power Inductors
SPS201610E2R2MF SUPERWORLD-SPS201610E2R2MF Datasheet
299Kb / 7P
   SMD Power Inductor
More results

Similar Description - SPS201610D2R2MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com