Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT03-900-RA- Datasheet(PDF) 1 Page - Superworld Electronics

Part # CMT03-900-RA-
Description  Common mode filter (RoHS Compliant)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CMT03-900-RA- Datasheet(HTML) 1 Page - Superworld Electronics

  CMT03-900-RA- Datasheet HTML 1Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 2Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 3Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 4Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 5Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 6Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 7Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 8Page - Superworld Electronics CMT03-900-RA- Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
3. SCHEMATIC :
PG. 1
Unit:m/m
SUPERWORLD ELECTRONICS (S) PTE LTD
A
SUPERWORLD ELECTRONICS (S) PTE LTD
26.03.2014
Common mode filter (RoHS Compliant)
CMT03 SERIES
0.85±0.05
(c)
(b)
(f)
(e)
C M T 0 3 - 9 0 0 - R A - 〖〖
(a)
(d)
(b) Dimension code
(c) Impedance code : 900 = 90Ω
(a) Series code
(d) R : Reel
(e) Current code
(f) 10 : RoHS Compliant
11~99 : Internal controlled number
NOTE : Specifications subject to change without notice. Please check our website for latest information.
B
0.65±0.05
C
0.4±0.05
P
0.50±0.1
D1
0.27±0.1
D2
0.2
E
0.25~0.35
FG
H
0.25~0.35 0.25~0.35
0.5
1
2
3
4
4. GENERAL SPECIFICATION :
a) Storage Temp. : -40°C to +85°C
b) Operating Temp. : -40°C to +85°C (Including self-generated heat)
G
H
+0.05
-0.1
C
A
P
D1
14
23


Similar Part No. - CMT03-900-RA-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT01N60 ETC1-CMT01N60 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
CMT01N60 CHAMP-CMT01N60 Datasheet
189Kb / 7P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT01N60GN251 ETC1-CMT01N60GN251 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60GN251 CHAMP-CMT01N60GN251 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - CMT03-900-RA-

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
List of Unclassifed Man...
SPC20186 ETC2-SPC20186 Datasheet
102Kb / 1P
   EMI FILTER RoHS COMPLIANT
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com