Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6683 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6683
Description  High Power LED Driver for Parallel Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6683 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6683 Datasheet HTML 1Page - Sipex Corporation SP6683 Datasheet HTML 2Page - Sipex Corporation SP6683 Datasheet HTML 3Page - Sipex Corporation SP6683 Datasheet HTML 4Page - Sipex Corporation SP6683 Datasheet HTML 5Page - Sipex Corporation SP6683 Datasheet HTML 6Page - Sipex Corporation SP6683 Datasheet HTML 7Page - Sipex Corporation SP6683 Datasheet HTML 8Page - Sipex Corporation SP6683 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 07/07/04
SP6683 White LEDs Driver for Parallel Configuration
© Copyright 2004 Sipex Corporation
4) VOUT Comparator and Output Control. A
306mV reference voltage is compared to feed-
back output voltage to control the Vout needed
for the application. Output current is set by a
bias resistor from FB pin to GND pin chosen by
the relationship:
IOUT = VFB
RFB
where VFB = 306mV.
Configuring the SP6683 as Voltage or
Current Source
The white LED load configuration used by
customers can be discrete white LEDs or a white
LED module. Inside the white LED module,
there may or may not be resistors in series with
the white LEDs. According to the different
application requirements, the SP6683 can be
configured as either a voltage source or a current
source to provide solutions for these different
applications, as shown in figure 9~12. Figure 9
shows using the SP6683 to drive discrete white-
LEDs as a current source.
The current in one white LED current is set by
the ratio of the feedback pin voltage (306mV)
and the bias resistor RB. To set the operating
current, RB can be selected by:
RB = VFB
ILED
The current of the remaining white LEDs is set
according to the similarity of the white LEDs. 3-
wire white LED module with internal series
resistors as shown in figure 10 can also be driven
1
8
5
Rb
SP6683
Rb
1uF
GND
FB
V
OUT
Figure 9. Driving discrete white LEDs as current source
General Overview
The SP6683 is a current regulated charge pump
ideal for converting a Li-Ion battery input for
driving white LEDs used in backlighting color
displays in cellular phones, PDAs, digital cam-
eras and MP3 players. The SP6683 is able to
efficiently drive up to eight 20mA white LEDs
in parallel and maintain a constant brightness
over a very wide operating voltage range (2.7V
to 5.5V). The SP6683 operates with an internal
1.2MHz clock, enabling the use of small exter-
nal components. Other features of SP6683 in-
clude PWM dimming control as well as com-
plete input/out disconnect in shutdown. In shut
down mode the IC draws less than 1.5
µA cur-
rent. The output regulation is achieved by sens-
ing the voltage at the feedback pin and modulat-
ing the switch between the charge pump and
output capacitor.
Theory of Operation
The SP6683 regulated charge pump block dia-
gram consists of four main blocks (Voltage
Reference, Mode Control, Clock Manager, Start-
up and Charge-Pump Switches) and two com-
parators (VMODE Comparator and VOUT Com-
parator).
1) Voltage Reference. This block provides the
306mV and 1.25V reference voltages needed
for the two comparators.
2) Mode Control. An external voltage divider
connected to the VMODE pin will define an input
voltage to the mode comparator which sets the
logic state of the mode selection outputs to the
X1 or X1.5 modes. VMODE is compared to a
1.25V bandgap voltage. For example, if one
makes a 158K/100K divider, the mode will
change at 2.58 x 1.25 V =3.23V. A comparator-
based cycle by cycle regulation ensures that no
mode change occurs during cycles.
3) Clock Manager. An internal 1.2MHz clock
is generated in this block. Depending on the
mode control, the appropriate clock phasing is
generated here and sent to the start-up and
charge-pump switches block.
OPERATION


Similar Part No. - SP6683

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
SP6683-03ER EXAR-SP6683-03ER Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L EXAR-SP6683-03ER-L Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
SP6683-03ER-L/TR EXAR-SP6683-03ER-L/TR Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
SP6683-03ER/TR EXAR-SP6683-03ER/TR Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
More results

Similar Description - SP6683

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFK4H250 IRF-IRFK4H250 Datasheet
244Kb / 8P
   Parallel Chip Configuration
logo
Lowpower Semiconductor ...
LP3359 POWER-LP3359 Datasheet
411Kb / 9P
   High performance, Current Source For Parallel White-LED Driver
logo
Infineon Technologies A...
ILD4071 INFINEON-ILD4071 Datasheet
1Mb / 25P
   LED Driver for High Power LEDs
Rev. 1.0, 2011-11-16
logo
List of Unclassifed Man...
LP0007-01-LI98-015 ETC2-LP0007-01-LI98-015 Datasheet
53Kb / 1P
   Lumi-Pad for LED Configuration
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
   Parallel White-LED Driver
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
logo
STMicroelectronics
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
logo
Rohm
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5844 ROHM-BP5844 Datasheet
972Kb / 4P
   Isolated High-power LED Driver for Illumination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com