Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848CW-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BC848CW-G
Description  Small Signal Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC848CW-G Datasheet(HTML) 1 Page - Comchip Technology

  BC848CW-G Datasheet HTML 1Page - Comchip Technology BC848CW-G Datasheet HTML 2Page - Comchip Technology BC848CW-G Datasheet HTML 3Page - Comchip Technology BC848CW-G Datasheet HTML 4Page - Comchip Technology BC848CW-G Datasheet HTML 5Page - Comchip Technology BC848CW-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Small Signal Transistor
RoHS Device
Page 1
REV:B
Features
- Power dissipation
PCM: 0.15W (@TA=25°C)
- Collector current
ICM: 0.1A
- Collector-base voltage
VCBO: BC846W=80V
BC847W=50V
BC848W=30V
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: solderable per MIL-STD-750,
method 2026.
- Approx. weight: 0.008 grams
BC846W-G Thru. BC848W-G (NPN)
Maximum Ratings (at TA=25°C unless otherwise noted)
QW-BTR35
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current -continuous
Storage temperature range
Units
Symbol
Parameter
Value
VCBO
VCEO
VEBO
IC
PC
TSTG
80
50
30
65
45
30
6
5
150
-55 to +150
V
V
V
A
mW
°C
Junction temperature range
TJ
150
°C
Collector power dissipation
BC846W-G
BC848W-G
BC847W-G
BC846W-G
BC848W-G
BC847W-G
0.1
Comchip Technology CO., LTD.
BC848W-G
BC846W-G / BC847W-G
Circuit diagram
3
1
2
- 1.BASE
- 2.EMITTER
- 3.COLLECTOR
RΘJA
833
°C/W
Thermal resistance from junction to ambient
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
SOT-323
0.055(1.40)
0.047(1.20)
0.053(1.35)
0.045(1.15)
0.087(2.20)
0.079(2.00)
0.004(0.10)
0.016(0.40)
0.008(0.20)
0.043(1.10)
0.035(0.90)
0.018(0.46)
0.006(0.15)
0.003(0.08)
0.096(2.45)
0.085(2.15)
1
2
3
0.000(0.00)
0.010(0.26)


Similar Part No. - BC848CW-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BC848CW-G COMCHIP-BC848CW-G Datasheet
135Kb / 5P
   Small Signal Transistor
More results

Similar Description - BC848CW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com