Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-571 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # PX-571
Description  Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-571 Datasheet(HTML) 5 Page - Vectron International, Inc

  PX-571 Datasheet HTML 1Page - Vectron International, Inc PX-571 Datasheet HTML 2Page - Vectron International, Inc PX-571 Datasheet HTML 3Page - Vectron International, Inc PX-571 Datasheet HTML 4Page - Vectron International, Inc PX-571 Datasheet HTML 5Page - Vectron International, Inc PX-571 Datasheet HTML 6Page - Vectron International, Inc PX-571 Datasheet HTML 7Page - Vectron International, Inc PX-571 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Connections
1
Enable/Disable or N/C
2
Ground (Case)
3
RF Output
4
Supply Voltage
Outline Drawing / Enclosure (Dimensions in inches (mm))
Standard Shipping Method
[1.52] MAX
.060 MAX
[4.83] MAX
.190 MAX
1.40±0.254
.055±.010
7.78±0.254
.306±.010
8.89±0.127
.350±.005
5.08
.200
3.04±0.381
.120±.015
1.91
.075
3.30
.130
3.43
.135
3.18
.125
4
3
1
2
(3) Inw a rd L Typ e I (J Le a d c o m p a tib le )
Recommended
Pad Outline
[4.83] MAX
.190 MAX
2.79±0.127
.110±.005
(4X)
[1.52] MAX
.060 MAX
7.78±0.254
.306±.010
1.52
.060
3.43
.135
2.79
.110
2.29
.090
8.89±0.127
.350±.005
5.08
.200
1
2
4
3
Recommended
Pad Outline
(4) Inw a rd L Typ e II (M55310 c o m p a tib le )
8.89±0.127
.350±.005
3.04±0.381
.120±.015
3.40
.134
5.08
.200
0.46
.018
1.00±0.254
.040±.010
7.78±0.254
.306±.010
(1) Through Hole
1
2
4
3
8.89±0.127
.350±.005
3.04±0.381
.120±.015
5.08
.200
0.46
.018
10.15±0.381
.400±.015
1.78±0.254
.070±.010
7.78±0.254
.306±.010
1.39±0.127
.055±.005
93°±3°
Recommended
Pad Outline
7.11
.280
0.76
.030
2.29
.090
4.32
.170
4
3
1
2
(2) Gull Wing
USER DIRECTION OF FEED
(TOP VIEW WITH TAPE REMOVED - 200 PIECES PER REEL)
.157±.004
-
4.0±0.10
.061±.002
.004
+
1.55±0.05
.295±.004
7.5±0.1
0.1
.012
.630
-
1.50±0.25
.059±.010
+0.3
16.0
12.0±0.102
.472±.004
PIN 1
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
5 of 8


Similar Part No. - PX-571

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-570 VECTRON-PX-570 Datasheet
185Kb / 4P
   High Temperature Crystal Oscillator
More results

Similar Description - PX-571

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com