Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX-421 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # PX-421
Description  Crystal Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-421 Datasheet(HTML) 7 Page - Vectron International, Inc

  PX-421 Datasheet HTML 1Page - Vectron International, Inc PX-421 Datasheet HTML 2Page - Vectron International, Inc PX-421 Datasheet HTML 3Page - Vectron International, Inc PX-421 Datasheet HTML 4Page - Vectron International, Inc PX-421 Datasheet HTML 5Page - Vectron International, Inc PX-421 Datasheet HTML 6Page - Vectron International, Inc PX-421 Datasheet HTML 7Page - Vectron International, Inc PX-421 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vectron International • 267 Lowell Road, Unit 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Ordering Information
PX - 421 0 - D A E - F K A B - 10M0000000
Product Family
PX: PXO
Supply Voltage
D: 5 Vdc ±5%
E: 3.3 Vdc ±5%
H: 2.5 Vdc ±5%
J: 1.8 Vdc ±5%
Frequency
Screening Option
B: MIL-PRF-55310 “B” level
X: No Screening
RF Output Code
A: ACMOS
B: TTL
Temperature Range
A: -55°C to +85°C
B: -55°C to +105°C
C: -55°C to +125°C
E: -40°C to +85°C
T: 0°C to +70°C
Enable Code
A: Enable Hi, Tristate
C: Enable Lo, Tristate
X: No Enable
Package
421: 4 pin 1/2 DIP w/Stand-offs
Accuracy Code @ 25°C or Overall Temp Stability Code
( Reference to Table: II )
D: ±15ppm
F: ±25ppm
K: ±50ppm
P: ±80ppm
S: ±100PPM
Z: ±65PPM
Temperature Stability Code
( Reference to Table: I )
D: ±15ppm
F: ±25ppm
K: ±50ppm
P: ±80ppm
S: ±100ppm
Z: ±65PPM
X: Use with Overall Tolerance Code
Configuration
0: Through Hole
1: Through Hole (with solder coated leads)
Available Temperature Stability Code
Temp Range
Temp Stability
A: -55
°C to +85°C
B: -55
°C to +105°C
C: -55
°C to +125°C
K:
± 50ppm
Z
± 65ppm
P
± 80ppm
S
± 100ppm
E: -40
°C to +85°C
F:
± 25ppm
K:
± 50ppm
Z
± 65ppm
P
± 80ppm
S
± 100ppm
T: 0
°C to +70°C
D:
± 15ppm
F:
± 25ppm
K:
± 50ppm
Z
± 65ppm
P
± 80ppm
S
± 100ppm
Available Overall Tolerance Code
Temp Range
Overall Tolerance
Temp Stability
A: -55
°C to +85°C
B: -55
°C to +105°C
C: -55
°C to +125°C
Z:
± 65ppm
X
P:
± 80ppm
X
S:
± 100ppm
X
E: -40
°C to +85°C
K:
± 50ppm
X
Z:
± 65ppm
X
P:
± 80ppm
X
S:
± 100ppm
X
T: 0
°C to +70°C
F:
± 25ppm
X
K:
± 50ppm
X
Z:
± 65ppm
X
P:
± 80ppm
X
S:
± 100ppm
X
Table: I
Table: II
7
of 8


Similar Part No. - PX-421

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
   High Temperature Crystal Oscillator
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FA VECTRON-PX-4220-DAA-FA Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FB VECTRON-PX-4220-DAA-FB Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
PX-4220-DAA-FF VECTRON-PX-4220-DAA-FF Datasheet
282Kb / 4P
   Hybrid TTL Clock Oscillator
More results

Similar Description - PX-421

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
SG-8002JC EPSONTOYOCOM-SG-8002JC Datasheet
533Kb / 4P
   CRYSTAL OSCILLATOR
SG-8002LB EPSONTOYOCOM-SG-8002LB Datasheet
491Kb / 4P
   CRYSTAL OSCILLATOR
TCO-7085X1A EPSONTOYOCOM-TCO-7085X1A Datasheet
359Kb / 2P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-7000-DAC-D VECTRON-PX-7000-DAC-D Datasheet
449Kb / 6P
   Crystal Oscillator
logo
Epson Company
SG-8002CE EPSON-SG-8002CE Datasheet
576Kb / 6P
   CRYSTAL OSCILLATOR
logo
Motorola, Inc
MC12061 MOTOROLA-MC12061 Datasheet
96Kb / 9P
   Crystal Oscillator
logo
Epson Company
SG-8003CG-PCB EPSON-SG-8003CG-PCB Datasheet
1Mb / 3P
   CRYSTAL OSCILLATOR
logo
Vectron International, ...
PX-571 VECTRON-PX-571 Datasheet
1Mb / 8P
   Crystal Oscillator
logo
NIHON DEMPA KOGYO
NH37M28LN NDK-NH37M28LN Datasheet
695Kb / 1P
   Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com