Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6680 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6680
Description  High Efficiency Buck/Boost Charge Pump Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6680 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6680 Datasheet HTML 4Page - Sipex Corporation SP6680 Datasheet HTML 5Page - Sipex Corporation SP6680 Datasheet HTML 6Page - Sipex Corporation SP6680 Datasheet HTML 7Page - Sipex Corporation SP6680 Datasheet HTML 8Page - Sipex Corporation SP6680 Datasheet HTML 9Page - Sipex Corporation SP6680 Datasheet HTML 10Page - Sipex Corporation SP6680 Datasheet HTML 11Page - Sipex Corporation SP6680 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 5/25/04
SP6680 High Efficiency Buck/Boost Charge Pump Regulator
© Copyright 2004 Sipex Corporation
Table 3. Output Resistance vs Output Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, CF1, CF2 = 2.2uF, Vin = 3.85V, Iout = 5mA, CLK = 32kHz
Cout (uF)
SP6680 Rout (ohms)
0.47
57
128
2.2
18
4.7
13
10
11
22
10
Table 4. Output Resistance vs Pump Capacitance
All Ceramic Capacitors ESR < 0.05ohm
Cin, Cout = 2.2uF, Vin = 3.85V, Iout = 5mA, CLK = 32kHz
CF1, CF2 (uF)
SP6680 Rout (ohms)
0.47
39
124
2.2
18
4.7
15
10
14
22
13
#
E
N
O
H
P
E
L
E
T
/
R
E
R
U
T
C
A
F
U
N
A
MR
E
B
M
U
N
T
R
A
P
/
E
C
N
A
T
I
C
A
P
A
C
E
G
A
T
L
O
V
R
S
E
X
A
M
z
H
k
0
0
1
@
R
O
T
I
C
A
P
A
C
E
P
Y
T
/
E
Z
I
S
0
0
1
6
-
3
0
8
-
7
4
8
/
K
D
TK
5
2
2
A
1
R
5
X
2
1
0
2
C2
.
2 µ
V
0
1
/
F0
3
0
.
0
R
5
X
/
5
0
8
0
0
0
1
6
-
3
0
8
-
7
4
8
/
K
D
TK
5
7
4
C
1
R
5
X
6
1
2
3
C7
.
4 µ
V
0
1
/
F0
2
0
.
0
R
5
X
/
6
0
2
1
1
1
4
9
-
8
4
4
-
3
4
8
/
X
V
AK
5
2
2
C
Z
6
0
2
12
.
2 µ
V
0
1
/
F0
3
0
.
0
R
7
X
/
6
0
2
1
8
8
8
0
-
5
2
9
-
7
4
8
/
n
e
d
u
Y
o
y
i
a
TG
M
5
2
2
J
B
2
1
2
K
M
L2
.
2 µ
V
0
1
/
F0
3
0
.
0
R
5
X
/
5
0
8
0
8
8
8
0
-
5
2
9
-
7
4
8
/
n
e
d
u
Y
o
y
i
a
TL
M
5
7
4
J
B
6
1
3
K
M
L7
.
4 µ
V
0
1
/
F0
2
0
.
0
R
7
X
/
6
0
2
1
Board Layout
PC board layout is an important design consideration to mitigate switching current effects. High
frequency operation makes PC layout important for minimizing ground bounc and noise. Components
should be place as close to the IC as possible with connections made through short, low impedance
traces. To maximize output ripple voltage, use a ground plane and solder the IC's GND pin directly to
the ground plane.
Output Resistance with Various Output and Pump Capacitors
From Tables 3 & 4 it can be seen that increasing output capacitance alone reduces the output resistance
more than increasing pump capacitance. This offers the advantage of increasing one capacitor versus
two capacitors in the case for the pump capacitance.
Figure 2. Suggested Low ESR Cermic Surface Mount Capacitors.


Similar Part No. - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680EB SIPEX-SP6680EB Datasheet
394Kb / 5P
   Evaluation Board Manual
SP6680EU SIPEX-SP6680EU Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680EU SIPEX-SP6680EU Datasheet
394Kb / 5P
   Evaluation Board Manual
SP6680TR SIPEX-SP6680TR Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
More results

Similar Description - SP6680

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
   Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com