Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM-0103 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASM-0103
Description  10W Ultraminiature Medical Grade Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM-0103 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASM-0103 Datasheet HTML 1Page - Astrodyne Corporation ASM-0103 Datasheet HTML 2Page - Astrodyne Corporation ASM-0103 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10W Ultraminiature Medical Grade Switching Power Supplies
a s m 1 0 series
WWW.asTRODYNE.COm
asTRODYNE Usa: 1-800-823-8082
asTRODYNE PaCIFIC: 886-2-26983458
INPUT sPECIFICaTIONs
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A @ 100VAC Input *
40A @ 200VAC Input *
OUTPUT sPECIFICaTIONs
Voltage and Current
See Selection Chart
Load Regulation
+/- 3%
(20% to 100% Load)
Line Regulation
Singles +/- 0.1~1%, typ
Preset Accuracy
1%
DC Voltage Adjust (typ)
+/- 6% of FS (Primary)
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise
100mV Pk-Pk, typ
Over Voltage Protection
Clamp, 130-150% *
Over Temp. Protection
Latching, Cool and Repower
Short Circuit Protection
Continuous, self-recovering
Hold Up Time
20 mS, typ
GENERaL sPECIFICaTIONs
Isolation
I/P-O/P: 4000VAC
I/P-Ground: 2500VAC
O/P-Ground: 1000VAC
Efficiency
75%~78%, typ
Switching Frequency
100Khz, (fixed, typical)
Safety
UL60601-1, EN60601-1, IEC60601-1
PHYsICaL sPECIFICaTIONs
Size
2” x 2.28” x 0.66”
Construction
Open Frame
Weight
1.6oz (44g)
Connectors: Molex P/N:
50-37-5033 (Input)
50-37-5023 (Output)
ENVIRONmENTaL sPECIFICaTIONs
Oper. Temperature
0 to +50°C(FL)
Storage Temperature
-25 to +71°C *
Relative Humidity
0 to + 95%, non-cond *
EMC
FCC/A, VDE 0871/A
MTBF
180,000 Hrs
Mil Std 217, 25°C
OUTPUT DERaTING CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
Ambient Temperature DegC


Similar Part No. - ASM-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM-0103 ASTRODYNE-ASM-0103 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
More results

Similar Description - ASM-0103

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com