Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASL-1500 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASL-1500
Description  15W Ultraminiature Open Frame Global Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASL-1500 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASL-1500 Datasheet HTML 1Page - Astrodyne Corporation ASL-1500 Datasheet HTML 2Page - Astrodyne Corporation ASL-1500 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
15W Ultraminiature Open Frame Global Switching Power Supplies
a s l 1 5 series
WWW.asTRODYNE.COM
asTRODYNE Usa: 1-800-823-8082
asTRODYNE PaCIFIC: 886-2-26983458
MECHaNICal DIMENsIONs
J1 (aC Input)
Pin 1
AC Neutral
Pin 2
N/C
Pin 3
N/C
Pin 4
AC Line
J2 (DC Output)
Pin 1
Com. Return
Pin 2
Com. Return
Pin 3
+Vout
Pin 4
+Vout
15 Watt
3.0
2.10
0.85
0.12” Dia Mtg Hole ( 4 plcs)
0.15
0.15


Similar Part No. - ASL-1500

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL-1500 ASTRODYNE-ASL-1500 Datasheet
735Kb / 3P
   15W Ultraminiature Open Frame Global Switching Power Supplies
More results

Similar Description - ASL-1500

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASL15 ASTRODYNE-ASL15 Datasheet
735Kb / 3P
   15W Ultraminiature Open Frame Global Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
OFM15 ASTRODYNE-OFM15_16 Datasheet
327Kb / 3P
   15W Ultraminiature Open Frame Class II Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com